Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL130-05SC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL130-05SC
Description  High Speed Translator Buffer to PECL (Enable Low)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL130-05SC Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL130-05SC Datasheet HTML 1Page - PhaseLink Corporation PLL130-05SC Datasheet HTML 2Page - PhaseLink Corporation PLL130-05SC Datasheet HTML 3Page - PhaseLink Corporation PLL130-05SC Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLL130-05
High Speed Translator Buffer to PECL (Enable Low)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/09/04 Page 1
FEATURES
• Differential PECL output
• Single AC coupled input (min. 100mV swing).
• Input range from DC to 1.0 GHz.
• 2.5V to 3.3V operation.
• Available in 3x3mm QFN.
DESCRIPTION
The PLL130-05 is a low cost, high performance,
high speed, buffer that reproduces any input fre-
quency from DC to 1.3GHz. It provides one pair
of differential PECL outputs. Any input signal
with at least 100mV swing can be used as refer-
ence signal. This chip is ideal for conversion
from sine wave, TTL, CMOS, or LVDS to PECL.
PIN CONFIGURATION
(TOP VIEW)
BLOCK DIAGRAM
Input
Amplifier
PECL_BAR
REF_IN
PECL
PLL130-05
PECL_BAR
PECL
GND
VDD
12
3
4
12
11
10
9
13
14
15
16
8
7
6
5
GND
GND
GND
OEV
Note: V denotes internal pull down


Similar Part No. - PLL130-05SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL130-07 PLL-PLL130-07 Datasheet
231Kb / 5P
High Speed Translator Buffer to CMOS (Selectable Drive)
PLL130-07QC PLL-PLL130-07QC Datasheet
231Kb / 5P
High Speed Translator Buffer to CMOS (Selectable Drive)
PLL130-07QC-R PLL-PLL130-07QC-R Datasheet
231Kb / 5P
High Speed Translator Buffer to CMOS (Selectable Drive)
PLL130-07QI PLL-PLL130-07QI Datasheet
231Kb / 5P
High Speed Translator Buffer to CMOS (Selectable Drive)
PLL130-07SC PLL-PLL130-07SC Datasheet
231Kb / 5P
High Speed Translator Buffer to CMOS (Selectable Drive)
More results

Similar Description - PLL130-05SC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100ELT982 MICREL-SY100ELT982 Datasheet
60Kb / 5P
PECL-TO-CML TRANSLATOR w/o ENABLE
logo
List of Unclassifed Man...
ABB3007 ETC1-ABB3007 Datasheet
80Kb / 5P
High Speed Translator Buffer to CMOS
logo
PhaseLink Corporation
PLL130-08 PLL-PLL130-08 Datasheet
240Kb / 5P
High Speed Translator Buffer to PECL
PLL130-09 PLL-PLL130-09 Datasheet
237Kb / 5P
High Speed Translator Buffer to LVDS
logo
Micrel Semiconductor
SY100ELT982 MICREL-SY100ELT982_06 Datasheet
49Kb / 6P
PECL-TO-CML TRANSLATOR WITH OUTPUT ENABLE
logo
Microchip Technology
PL130-07 MICROCHIP-PL130-07 Datasheet
294Kb / 16P
High Speed Translator Buffer to LVCMOS
06/23/16
logo
Abracon Corporation
ABB3005 ABRACON-ABB3005 Datasheet
87Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
ABB3008 ABRACON-ABB3008 Datasheet
92Kb / 5P
High Speed Translator Buffer to PECL
ABB3009 ABRACON-ABB3009 Datasheet
90Kb / 5P
High Speed Translator Buffer to LVDS
ABB3068 ABRACON-ABB3068 Datasheet
101Kb / 5P
High Speed Translator Buffers: Single ended to PECL or LVDS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com