Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL702-01XIR Datasheet(PDF) 7 Page - PhaseLink Corporation

Part # PLL702-01XIR
Description  Clock Generator for PowerPC Based Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL702-01XIR Datasheet(HTML) 7 Page - PhaseLink Corporation

  PLL702-01XIR Datasheet HTML 1Page - PhaseLink Corporation PLL702-01XIR Datasheet HTML 2Page - PhaseLink Corporation PLL702-01XIR Datasheet HTML 3Page - PhaseLink Corporation PLL702-01XIR Datasheet HTML 4Page - PhaseLink Corporation PLL702-01XIR Datasheet HTML 5Page - PhaseLink Corporation PLL702-01XIR Datasheet HTML 6Page - PhaseLink Corporation PLL702-01XIR Datasheet HTML 7Page - PhaseLink Corporation PLL702-01XIR Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PLL702-01
Clock Generator for PowerPC Based Applications
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 07/18/05 Page 7
3. DC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VDD_ANA
VDD_DIG
Nominal voltage is 3.3V
2.97
3.63
V
Nominal voltage is 2.5V
2.25
2.75
V
Operating Voltage
VDD_USB
VDD_PCI
VDD_ASIC1
VDD_ASIC2
VDD_CPU
Nominal voltage is 3.3V
2.97
3.63
V
Input High Voltage
VIH
VDD/2
V
Input Low Voltage
VIL
VDD/2
VDD/2 - 1
V
Input High Voltage
VIH
For all Tri-level input
VDD-0.5
V
Input Low Voltage
VIL
For all Tri-level input
0.5
V
Input High Voltage
VIH
For all normal input
2
V
Input Low Voltage
VIL
For all normal input
0.8
V
Output High Voltage
VOH
IOH = -25mA
VDD = 3.3V
2.4
V
Output Low Voltage
VOL
IOL = 25mA
0.4
V
Output High Voltage At
CMOS Level
VOH
IOH = -8mA
VDD-0.4
V
Nominal Output Current
Iout
25
mA
Operating Supply Current
IDD
No Load
35
mA
Short-circuit Current
IS
±100
mA
4. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
Parallel Fundamental Mode
14.31818
MHz
Crystal Loading Rating
CL (xtal)
21
pF
Recommended ESR
RE
AT cut
30
Ω
Note: A detailed crystal specification document is also available for this part.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com