Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL702-01XIL Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PLL702-01XIL
Description  Clock Generator for PowerPC Based Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL702-01XIL Datasheet(HTML) 6 Page - PhaseLink Corporation

  PLL702-01XIL Datasheet HTML 1Page - PhaseLink Corporation PLL702-01XIL Datasheet HTML 2Page - PhaseLink Corporation PLL702-01XIL Datasheet HTML 3Page - PhaseLink Corporation PLL702-01XIL Datasheet HTML 4Page - PhaseLink Corporation PLL702-01XIL Datasheet HTML 5Page - PhaseLink Corporation PLL702-01XIL Datasheet HTML 6Page - PhaseLink Corporation PLL702-01XIL Datasheet HTML 7Page - PhaseLink Corporation PLL702-01XIL Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PLL702-01
Clock Generator for PowerPC Based Applications
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 07/18/05 Page 6
Electrical Specifications
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product
reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this
specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. AC Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Input Frequency
14.31818
MHz
SST modulation sweep rate
28
kHz
Output Rise Time
0.8V to 2.0V with no load
1.5
ns
Output Fall Time
2.0V to 0.8V with no load
1.5
ns
Duty Cycle
At VDD/2
45
50
55
%
Max. output skew CPU and ASIC1
Equal loading (20 pF)
Equal frequency & drive strength
Equal Power Supply for both
ASIC and CPU
500
750
ps
Max. output skew CPU and ASIC2
Equal loading (20 pF)
Equal frequency & drive strength
Equal Power Supply for both
ASIC and CPU
200
250
ps
Max. Absolute Period Jitter
Long term, No SST
150
ps
Max. Jitter, cycle to cycle
Long term + Short term
120
ps



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com