Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P130-07SC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # P130-07SC
Description  High Speed Translator Buffer to CMOS (Selectable Drive)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P130-07SC Datasheet(HTML) 1 Page - PhaseLink Corporation

  P130-07SC Datasheet HTML 1Page - PhaseLink Corporation P130-07SC Datasheet HTML 2Page - PhaseLink Corporation P130-07SC Datasheet HTML 3Page - PhaseLink Corporation P130-07SC Datasheet HTML 4Page - PhaseLink Corporation P130-07SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PLL130-07
High Speed Translator Buffer to CMOS (Selectable Drive)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/09/04 Page 1
FEATURES
• CMOS output
• Selectable Drive capability (15pF or 30pF
output load).
• Single AC coupled input (min. 100mV swing).
• Input range from DC to 200 MHz.
• 2.5V to 3.3V operation.
• Available in 8-Pin SOIC and 3x3mm QFN.
DESCRIPTION
The PLL130-07 is a low cost, high performance,
high speed, buffer that reproduces any input fre-
quency from DC to 200MHz. It provides CMOS
output with 15pF output load drive capability.
Any input signal with at least 100mV swing can
be used as reference signal. This chip is ideal
for conversion from sine wave to CMOS.
PIN CONFIGURATION
(TOP VIEW)
BLOCK DIAGRAM
Input
Amplifier
REF_IN
CLK_OUT
1
2
3
45
6
7
8
GND
REF_IN
GND
VDD
DRIV_SEL^
GND
CLK_OUT
VDD
PLL130-07
CLK_OUT
N/C
GND
VDD
12
3
4
12
11
10
9
13
14
15
16
8
7
6
5
GND
DRIV_SEL^
GND
OE^
Note: ^ denotes internal pull up


Similar Part No. - P130-07SC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P130-000-AUD4K6 TRIPPLITE-P130-000-AUD4K6 Datasheet
165Kb / 3P
4K HDMI Audio Extractor with TOSLINK, RCA and 3.5 mm Stereo Output, 7.1 Channel, HDCP 2.2, 4K x 2K @ 60 Hz
P130-000-AUDIO TRIPPLITE-P130-000-AUDIO Datasheet
493Kb / 2P
UHD 4K x 2K 30 Hz HDMI Audio De-Embedder Extractor
P130-000-COMP TRIPPLITE-P130-000-COMP Datasheet
492Kb / 2P
HDMI to Composite Video with Audio Converter
P130-000-DP TRIPPLITE-P130-000-DP Datasheet
503Kb / 2P
HDMI/DVI to DisplayPort Active Converter, HDMI to DisplayPort (F/F), 1920 x 1200 (1080p)
More results

Similar Description - P130-07SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABB3007 ETC1-ABB3007 Datasheet
80Kb / 5P
High Speed Translator Buffer to CMOS
logo
PhaseLink Corporation
PLL130-05 PLL-PLL130-05 Datasheet
208Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
PLL130-08 PLL-PLL130-08 Datasheet
240Kb / 5P
High Speed Translator Buffer to PECL
PLL130-09 PLL-PLL130-09 Datasheet
237Kb / 5P
High Speed Translator Buffer to LVDS
logo
National Semiconductor ...
LMH6734 NSC-LMH6734 Datasheet
558Kb / 18P
Single Supply, Ultra High-Speed, Triple Selectable Gain Buffer
logo
Microchip Technology
PL130-07 MICROCHIP-PL130-07 Datasheet
294Kb / 16P
High Speed Translator Buffer to LVCMOS
06/23/16
logo
Abracon Corporation
ABB3005 ABRACON-ABB3005 Datasheet
87Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
ABB3007 ABRACON-ABB3007 Datasheet
86Kb / 5P
High Speed Translator Buffer to CMOS (Selectable Drive)
ABB3008 ABRACON-ABB3008 Datasheet
92Kb / 5P
High Speed Translator Buffer to PECL
ABB3009 ABRACON-ABB3009 Datasheet
90Kb / 5P
High Speed Translator Buffer to LVDS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com