Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL501-01SC Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL501-01SC
Description  VCXO Clock Generator IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL501-01SC Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL501-01SC Datasheet HTML 1Page - PhaseLink Corporation PLL501-01SC Datasheet HTML 2Page - PhaseLink Corporation PLL501-01SC Datasheet HTML 3Page - PhaseLink Corporation PLL501-01SC Datasheet HTML 4Page - PhaseLink Corporation PLL501-01SC Datasheet HTML 5Page - PhaseLink Corporation PLL501-01SC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PLL501-01/-03
VCXO Clock Generator IC
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 05/10/01 Page 4
3. AC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
PLL501-01
10
20
Input Crystal Frequency
PLL501-03
10
15
MHz
Output Clock Rise Time
tr
0.8V ~ 2.0V
1.5
ns
Output Clock Fall Time
tf
2.0V ~ 0.8V
1.5
ns
Output Clock Duty Cycle
Measured @ 1.4V
45
50
55
%
Max Absolute Jitter
Short Term
100
ps
Short Circuit Current
±50
mA
4. Voltage Control Crystal Oscillator
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
PLL Stabilization Time *
TPLLSTB
From VCXO stable
500
µs
VCXO Stabilization Time *
TVCXOSTB
From power valid
10
ms
Output Frequency Synthesis
Error
(Unless otherwise noted in
Frequency Table)
±30
ppm
VCXO Tuning Range
FXIN = 10 - 20MHz;
XTAL C0/C1 < 250;
CL=10pF
200
ppm
CLK output pullability
0V
≤VIN≤3.3V
±100
ppm
VCXO Tuning Characteristic
100
ppm/V
Note: Parameters denoted with an asterisk ( * ) represent nominal characterization data and are not production tested to any specific limits.
5. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
20
(PLL501-01)
Crystal Resonator Frequency
FXIN
Parallel Fundamental Mode
10
15
(PLL501-03)
MHz
Crystal Loading Capacitance
Rating
CL (xtal)
10
pF
Crystal Pullability
C0/C1 (xtal)
AT cut
250
-
Recommended ESR
RE
AT cut
30
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com