Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL502-22 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL502-22
Description  384MHz - 768MHz Low Phase Noise LVDS VCXO (12 - 24MHz Crystal)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-22 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL502-22 Datasheet HTML 1Page - PhaseLink Corporation PLL502-22 Datasheet HTML 2Page - PhaseLink Corporation PLL502-22 Datasheet HTML 3Page - PhaseLink Corporation PLL502-22 Datasheet HTML 4Page - PhaseLink Corporation PLL502-22 Datasheet HTML 5Page - PhaseLink Corporation PLL502-22 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary
PLL502-22
384MHz – 768MHz Low Phase Noise LVDS VCXO (12 – 24MHz Crystal)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 07/17/01 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
VDD
1,2,16
P
+3.3V Power supply connectors.
XIN
3
I
Crystal input pin.
XOUT
4
I
Crystal output pin.
OE
5
I
Output enable input pin. Disables (tri-state) output when low. Internal
pull-up enables output by default if pin is not connected to low.
VIN
6
I
Frequency control voltage input pin.
GND
7,8,9,10
P
GND Power connectors.
GND_BUF
11,15
P
GND connector for output buffers.
CLK
12
O
True clock output pin.
VDD_BUF
13
P
+3.3V Power supply connector for output buffers.
CLKB
14
O
Complementary clock output pin.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
7
V
Input Voltage, dc
VI
VSS
-0.5
VDD
+0.5
V
Output Voltage, dc
VO
VSS
-0.5
VDD
+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature
TA
0
70
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
Input Static Discharge Voltage Protection
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com