Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL500-27B Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL500-27B
Description  Low Power CMOS Output VCXO Family (17MHz to 130MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL500-27B Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL500-27B Datasheet HTML 1Page - PhaseLink Corporation PLL500-27B Datasheet HTML 2Page - PhaseLink Corporation PLL500-27B Datasheet HTML 3Page - PhaseLink Corporation PLL500-27B Datasheet HTML 4Page - PhaseLink Corporation PLL500-27B Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PLL500-17B/27B/37B
Low Power CMOS Output VCXO Family (17MHz to 130MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/21/05 Page 4
5. DC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
FXIN = 27MHz, 15pF output load
2.8
4
FXIN = 35MHz, 15pF output load
4.2
6
Supply Current, Dynamic,
with Loaded Outputs
IDD
FXIN = 78MHz, 15pF output load
7.2
9
mA
PLL500-17B
30
pF
PLL500-27B
20
pF
PLL500-37B Std drive up to
100MHz
15
pF
Allowable output load
capacitance
CL
(Output)
PLL500-37B High drive
10
pF
Operating Voltage
VDD
2.25
3.63
V
Output High Voltage
VOH
IOH = -8mA
2.4
V
Output Low Voltage
VOL
IOL = 8mA
0.4
V
Output High Voltage at
CMOS level
IOH = -4mA
VDD – 0.4
V
Standard drive at TTL level
8
9.5
Output drive current
High drive at TTL level
24
27
mA
Short Circuit Current
±50
mA
VCXO Control Voltage
VCON
0
VDD
V
6. Crystal Specifications
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Crystal Loading Rating (VCON = 1.65V)
CL (xtal)
8.5
pF
Maximum Sustainable Drive Level
200
µW
Operating Drive Level
50
µW
Max C0 for PLL500-17B
5
Max C0 for PLL500-27B
3.5
Max C0 for PLL500-37B
2.5
pF
C0/C1
250
-
ESR
RS
30
Ω
Note: The crystal must be such that it oscillates (parallel resonant) at nominal frequency when presented a C Load as specified above.
If the crystal requires more load to be at nominal frequency, the additional load must be added externally.
This however may reduce the pull range.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com