Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL502-25SC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL502-25SC
Description  Low Phase Noise VCXO (12MHz to 27MHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-25SC Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL502-25SC Datasheet HTML 1Page - PhaseLink Corporation PLL502-25SC Datasheet HTML 2Page - PhaseLink Corporation PLL502-25SC Datasheet HTML 3Page - PhaseLink Corporation PLL502-25SC Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLL502-25
Low Phase Noise VCXO (12MHz to 27MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/17/04 Page 1
FEATURES
• Low phase noise VCXO output for the 12MHz to
27MHz range (-135 dBc at 10kHz offset).
• CMOS output.
• 12 to 27MHz crystal input.
• Integrated variable capacitors.
• Wide pull range (+/- 250 ppm).
• Low jitter (RMS): 2.2ps period.
• 2.5V or 3.3V operation voltage.
• Available in 8-Pin SOIC.
DESCRIPTION
The PLL502-25 is a low cost, high performance and
low phase noise VCXO, providing less than -135dBc
at 10kHz offset in the 12MHz to 27MHz operating
range. The very low jitter (2.2 ps RMS period jitter)
makes this chip ideal for applications requiring volt-
age controlled frequency sources. Input crystal can
range from 12 to 27MHz (fundamental resonant
mode).
PIN CONFIGURATION
OUTPUT RANGE
MULTIPLIER
FREQUENCY
RANGE
OUTPUT
BUFFER
No PLL
12 - 27MHz
CMOS
BLOCK DIAGRAM
1
2
3
45
6
7
8
XOUT
VDD
VCON
GND
XIN
N/C
CLK
N/C
XTAL
OSC
OE
XIN
XOUT
CLK
VCON
VARICAP


Similar Part No. - PLL502-25SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-21 PLL-PLL502-21 Datasheet
141Kb / 6P
384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-21SOC PLL-PLL502-21SOC Datasheet
141Kb / 6P
384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-21SOI PLL-PLL502-21SOI Datasheet
141Kb / 6P
384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-21SOM PLL-PLL502-21SOM Datasheet
141Kb / 6P
384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-21SSC PLL-PLL502-21SSC Datasheet
141Kb / 6P
384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
More results

Similar Description - PLL502-25SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P521-48 PLL-P521-48 Datasheet
110Kb / 6P
Low Phase Noise PECL VCXO (27MHz to 65MHz)
P521-49 PLL-P521-49 Datasheet
107Kb / 6P
Low Phase Noise LVDS VCXO (27MHz to 65MHz)
PLL500-17B PLL-PLL500-17B Datasheet
205Kb / 5P
Low Phase Noise VCXO (17MHz to 36MHz)
PLL502-24 PLL-PLL502-24 Datasheet
93Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-03 PLL-PLL502-03 Datasheet
181Kb / 4P
Low Phase Noise VCXO (48MHz to 100MHz)
PLL502-05 PLL-PLL502-05 Datasheet
200Kb / 4P
Low Phase Noise VCXO (12MHz to 25MHz)
PLL500-15 PLL-PLL500-15 Datasheet
212Kb / 6P
Low Phase Noise VCXO (1MHz to 18MHz)
logo
Micrel Semiconductor
PL502-02 MICREL-PL502-02 Datasheet
303Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
logo
Abracon Corporation
ABV0205 ABRACON-ABV0205 Datasheet
57Kb / 4P
Low Phase Noise VCXO (12MHz to 25MHz)
03/21/05
ABV0225 ABRACON-ABV0225 Datasheet
56Kb / 4P
Low Phase Noise VCXO (12MHz to 27MHz)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com