Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCS3R-LS24A Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # WCS3R-LS24A
Description  Reading head
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

WCS3R-LS24A Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  WCS3R-LS24A Datasheet HTML 1Page - Pepperl+Fuchs Inc. WCS3R-LS24A Datasheet HTML 2Page - Pepperl+Fuchs Inc. WCS3R-LS24A Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Subject to reasonable modifications due to technical advances.
Copyright Pepperl+Fuchs, Printed in Germany
Pepperl+Fuchs Group • Tel.: Germany +49 621 776-0 • USA +1 330 4253555 • Singapore +65 67799091 • Internet http://www.pepperl-fuchs.com
WCS3R-LS24A
Interface desription
Byte format
Data protocol
Request bytes
Cycle time: 10 ms
Answer telegram of the read head
Output in increments of 0.25 mm
Out = 1: Read head partly outside of the code rail
OutAll = 1: Read head completely outside of the code rail
DB = 1: Soiled read head optics
Status: 0 = error; 1 = no error
Error: Error number in Err02 ... Err00
Electrical connection
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Start
LSB
MSB
Stop
Byte
000
000
10
Bit7
Bit0
Bit
765
432
10
Byte1
XP07
XP06
XP05
XP04
XP03
XP02
XP01
XP00
Byte2
XP15
XP14
XP13
XP12
XP11
XP10
XP09
XP08
Byte3
XP23
XP22
XP21
XP20
XP19
XP18
XP17
XP16
Byte4
Out
OutAll
DB
Status
0
Err02
Err01
Err00
5 V (intern)
+UB
RxD+
RxD-
1
GND
2
3
4
390
Ω
220
Ω
390
Ω
5 V (intern)
TxD+
TxD-
5
6
390
Ω
220
Ω
390
Ω
1
4
6
7
8
5
3
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com