Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL502-05 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL502-05
Description  Low Phase Noise VCXO (12MHz to 25MHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-05 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL502-05 Datasheet HTML 1Page - PhaseLink Corporation PLL502-05 Datasheet HTML 2Page - PhaseLink Corporation PLL502-05 Datasheet HTML 3Page - PhaseLink Corporation PLL502-05 Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLL502-05
Low Phase Noise VCXO (12MHz to 25MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/17/04 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
XOUT
1
I
Crystal output. See Crystal Specifications on page 3.
N/C
2
-
Not connected.
VCON
3
I
Voltage Control input.
GND
4
P
Ground.
CLK
5
O
Output clock.
VDD
6
P
VDD power supply pin.
OE
7
I
Output Enable input. Disables the output when low. Internal pull-up enables
output by default if pin is not connected to low.
XIN
8
I
Crystal input. See Crystal Specifications on page 3.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. DC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic, with
Loaded Outputs
IDD
FXIN = 12 - 25MHz
Output load of 10pF
16
20
mA
Operating Voltage
VDD
2.25
3.63
V
IOH
VOH= VDD-0.4V, VDD=3.3V
10
mA
Output drive current
IOL
VOL = 0.4V, VDD = 3.3V
10
mA
Short Circuit Current
±50
mA
VCXO Control Voltage
VCON
0
VDD
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com