Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL502-05SC Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL502-05SC
Description  Low Phase Noise VCXO (12MHz to 25MHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-05SC Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL502-05SC Datasheet HTML 1Page - PhaseLink Corporation PLL502-05SC Datasheet HTML 2Page - PhaseLink Corporation PLL502-05SC Datasheet HTML 3Page - PhaseLink Corporation PLL502-05SC Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PLL502-05
Low Phase Noise VCXO (12MHz to 25MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/17/04 Page 3
3. AC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Crystal Frequency
12
25
MHz
Output Clock Rise/Fall Time
0.3V ~ 3.0V with 15 pF load
2.4
ns
Output Clock Duty Cycle
Measured @ 50% VDD
45
50
55
%
4. Voltage Control Crystal Oscillator (3.3V)
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VCXO Stabilization Time *
TVCXOSTB
From power valid
10
ms
VCXO Tuning Range
FXIN = 12 – 25MHz;
XTAL C0/C1 < 250
0V
≤ VCON ≤ 3.3V
500
ppm
CLK output pullability
VCON=1.65V,
±1.65V
±200
ppm
VCXO Tuning Characteristic
150
ppm/V
Pull range linearity
10
%
VCON pin input impedance
2000
k
Ω
VCON modulation BW
0V
≤ VCON ≤ 3.3V, -3dB
25
kHz
Note: Parameters denoted with an asterisk (*) represent nominal characterization data and are not production tested to any specific limits.
5. Jitter and Phase Noise Specification
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
RMS Period Jitter
(1 sigma – 1000 samples)
with capacitive decoupling between
VDD and GND.
2.2
ps
Phase Noise relative to carrier
25MHz @100Hz offset
-95
dBc/Hz
Phase Noise relative to carrier
25MHz @1kHz offset
-120
dBc/Hz
Phase Noise relative to carrier
25MHz @10kHz offset
-142
dBc/Hz
Phase Noise relative to carrier
25MHz @100kHz offset
-150
dBc/Hz
Phase Noise relative to carrier
25MHz @1MHz offset
-150
dBc/Hz
6. Crystal Specifications
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
12
25
MHz
Crystal Loading Capacitance Rating
CL (xtal)
9.5
pF
C0/C1
250
-
ESR
RS
30
Ω
Note: Crystal Loading rating: 9.5pF is the loading the crystal sees from the VCXO chip at VCON = 1.65V. It is assumed that the crystal will be at
nominal frequency at this load. If the crystal requires more load to be at nominal frequency, the additional load must be added externally.
This however may reduce the pull range.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com