Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL502-04HSC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL502-04HSC
Description  Low Phase Noise VCXO (96MHz to 200MHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-04HSC Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL502-04HSC Datasheet HTML 1Page - PhaseLink Corporation PLL502-04HSC Datasheet HTML 2Page - PhaseLink Corporation PLL502-04HSC Datasheet HTML 3Page - PhaseLink Corporation PLL502-04HSC Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLL502-04
Low Phase Noise VCXO (96MHz to 200MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/17/04 Page 1
FEATURES
• VCXO output for the 96MHz to 200MHz range
• Low phase noise.
• CMOS output.
• 12 to 25MHz crystal input.
• Integrated variable capacitors.
• Selectable High Drive (30mA) or Standard Drive
(10mA) output.
• Wide pull range (+/- 250 ppm).
• Low jitter (RMS): 4ps period.
• 3.3V operation.
• Available in 8-Pin SOIC.
DESCRIPTION
The PLL502-04 is a low cost, high performance and
low phase noise VCXO for the 96 to 200MHz range.
The very low jitter (4ps RMS period jitter at
155.52MHz) makes this chip ideal for applications
requiring voltage controlled frequency sources in
CMOS. Input crystal can range from 12 to 25MHz
(fundamental resonant mode).
PIN CONFIGURATION
Note: ^ denotes internal pull up
OUTPUT RANGE
MULTIPLIER
FREQUENCY
RANGE
OUTPUT
BUFFER
X8
96 - 200MHz
CMOS
BLOCK DIAGRAM
1
2
3
45
6
7
8
XOUT
N/C
VCON
GND
XIN
VDD
CLK
OE^
Reference
Divider
Phase
Comparator
Charge
Pump
Loop
Filter
VCO
VCO
Divider
XTAL
OSC
OE
XIN
XOUT
CLK
VCON
VARICAP


Similar Part No. - PLL502-04HSC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-00 PLL-PLL502-00 Datasheet
180Kb / 4P
Multiplier VCXO IC Die for 12 to 25MHz Parallel Resonant Crystals
PLL502-00DC PLL-PLL502-00DC Datasheet
180Kb / 4P
Multiplier VCXO IC Die for 12 to 25MHz Parallel Resonant Crystals
PLL502-00DI PLL-PLL502-00DI Datasheet
180Kb / 4P
Multiplier VCXO IC Die for 12 to 25MHz Parallel Resonant Crystals
PLL502-01 PLL-PLL502-01 Datasheet
93Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-01OC PLL-PLL502-01OC Datasheet
93Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
More results

Similar Description - PLL502-04HSC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P521-23 PLL-P521-23 Datasheet
215Kb / 6P
Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-28 PLL-P521-28 Datasheet
110Kb / 6P
Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-29 PLL-P521-29 Datasheet
107Kb / 6P
Low Phase Noise LVDS VCXO (100MHz to 200MHz)
PLL602-04 PLL-PLL602-04 Datasheet
201Kb / 4P
Low Phase Noise CMOS XO (96MHz to 200MHz)
PLL502-11 PLL-PLL502-11 Datasheet
106Kb / 6P
96MHz - 200MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystals)
PLL502-12 PLL-PLL502-12 Datasheet
104Kb / 6P
96MHz - 200MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystals)
logo
Micrel Semiconductor
PL602-04 MICREL-PL602-04 Datasheet
260Kb / 4P
Low Phase Noise CMOS XO (96MHz to 200MHz)
logo
Abracon Corporation
ABV0204 ABRACON-ABV0204 Datasheet
56Kb / 4P
Low Phase Noise VCXO (96MHz to 200MHz)
03/21/05
ABV0211 ABRACON-ABV0211 Datasheet
84Kb / 5P
96MHz - 200MHz Low Phase Noise PECL VCXO (12 ??25MHz Crystals)
03/21/05
ABX0204 ABRACON-ABX0204 Datasheet
54Kb / 4P
Low Phase Noise CMOS XO (96MHz to 200MHz)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com