Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG59M1746CTR Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # SLG59M1746CTR
Description  An Ultra-low Power, RDSON 17.6 m廓, 1 A, 0.82 mm2 WLCSP Integrated Power Switch with Controlled Inrush Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59M1746CTR Datasheet(HTML) 2 Page - Dialog Semiconductor

  SLG59M1746CTR Datasheet HTML 1Page - Dialog Semiconductor SLG59M1746CTR Datasheet HTML 2Page - Dialog Semiconductor SLG59M1746CTR Datasheet HTML 3Page - Dialog Semiconductor SLG59M1746CTR Datasheet HTML 4Page - Dialog Semiconductor SLG59M1746CTR Datasheet HTML 5Page - Dialog Semiconductor SLG59M1746CTR Datasheet HTML 6Page - Dialog Semiconductor SLG59M1746CTR Datasheet HTML 7Page - Dialog Semiconductor SLG59M1746CTR Datasheet HTML 8Page - Dialog Semiconductor SLG59M1746CTR Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Datasheet
25-Mar-2020
CFR0011-120-01
Revision 1.01
Page 2 of 32
© 2020 Dialog Semiconductor
SLG59M1746C
An Ultra-low Power, RDSON 17.6 mΩ, 1 A, 0.82 mm2 WLCSP
Integrated Power Switch with Controlled Inrush Current
Pin Description
Ordering Information
Pin #
Pin Name
Type
Pin Description
B2
VDD
Power
VDD supplies the power for the operation of the power switch and the internal control
circuitry. Bypass the VDD pin to GND with a 0.1 µF (or larger) capacitor.
A2
VIN
MOSFET
Drain terminal connection of the n-channel MOSFET. Connect a 1 µF (or larger) low-ESR
capacitor from this pin to ground.
A1, B1
VOUT
MOSFET
Source terminal connections of the n-channel MOSFET. Connect a low-ESR capacitor from
this pin to ground and consult the Electrical Characteristics table for recommended CLOAD
range.
C2
ON
Input
A low-to-high transition on this pin initiates the operation of the SLG59M1746C’s state
machine. ON is an asserted HIGH, level-sensitive CMOS input with ON_VIL < 0.3 V and
ON_VIH > 0.85 V. As the ON pin input circuit has an internal 8 MΩ pull-down, connect this
pin to a general-purpose output (GPO) of a microcontroller, an application processor, or a
system controller.
C1
GND
VOUT
Ground connection. Connect this pin to system analog or power ground plane.
Part Number
Type
Production Flow
SLG59M1746C
WLCSP 6L
Industrial, -40
C to 85C
SLG59M1746CTR
WLCSP 6L (Tape and Reel)
Industrial, -40
C to 85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com