Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46867 Datasheet(PDF) 92 Page - Dialog Semiconductor

Part # SLG46867
Description  GreenPAK Programmable Mixed-Signal Matrix with Dual 44 m廓/2 A P-FET
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46867 Datasheet(HTML) 92 Page - Dialog Semiconductor

Back Button SLG46867 Datasheet HTML 88Page - Dialog Semiconductor SLG46867 Datasheet HTML 89Page - Dialog Semiconductor SLG46867 Datasheet HTML 90Page - Dialog Semiconductor SLG46867 Datasheet HTML 91Page - Dialog Semiconductor SLG46867 Datasheet HTML 92Page - Dialog Semiconductor SLG46867 Datasheet HTML 93Page - Dialog Semiconductor SLG46867 Datasheet HTML 94Page - Dialog Semiconductor SLG46867 Datasheet HTML 95Page - Dialog Semiconductor SLG46867 Datasheet HTML 96Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 208 page
background image
Datasheet
23-Jul-2021
CFR0011-120-00
Revision 3.18
Page 92 of 208
© 2021 Dialog Semiconductor
SLG46867
GreenPAK Programmable Mixed-Signal Matrix
with Dual 44 m
Ω/2 A P-FET
take maximal 450 us for ACMP0/1 and a shorter time for ACMP2/3. The short wake mode can be used to reduce the current
consumption.
To use any ACMP under WS controller, the following settings must be done:
ACMP Power Up Input from matrix = 1 (for each ACMP separately);
CNT/DLY0 must be set to Wake and Sleep Controller function (for all ACMP);
Register WS → enable (for each ACMP separately);
CNT/DLY0 set/reset input = 0 (for all ACMP).
The user can select a period of time while the ACMP is sleeping in a range of 1 - 65535 clock cycles. Before they are sent to
sleep their outputs are latched so the ACMPs remain their state (High or Low) while sleeping.
WS controller has the following settings:
Wake and Sleep Output State (High/Low)
If OSC is powered off (Power-down option is selected; Power-down input = 1) and Wake and Sleep Output State = High, the
ACMP is continuously on.
If OSC is powered off (Power-down option is selected; Power-down input = 1) and Wake and Sleep Output State = Low, the
ACMP is continuously off.
Both cases WS function is turned off.
Counter Data (Range: 1 - 65535)
User can select wake and sleep ratio of the ACMP; counter data = sleep time, one clock = wake time.
Q mode - defines the state of WS counter data when Set/Reset signal appears Reset - when active signal appears, the WS
counter will reset to zero and High level signal on its output will turn on the ACMPs. When Reset signal goes out, the WS
counter will go Low and turn off the ACMP until the counter counts up to the end. Set - when active signal appears, the WS
counter will stop and Low level signal on its output will turn off the ACMP. When Set signal goes out, the WS counter will go on
counting and High level signal will turn on the ACMP while counter is counting up to the end.
Note: The OSC0 matrix power-down to control ACMP WS is not supported for short wait time option.
Edge Select defines the edge for Q mode
High level Set/Reset - switches mode Set/Reset when level is High
Note: Q mode operates only in case of "High Level Set/Reset”.
Wake time selection - time required for wake signal to turn the ACMPxH on
Normal Wake Time - when WS signal is High, it takes BG/analog start up time to turn the ACMPs on. They will stay on until
WS signal is Low again. Wake time is one clock period. It should be longer than BG turn on time and minimal required com-
paring time of the ACMP.
Short Wake Time - when WS signal is High, it takes BG/analog start up time to turn the ACMPs on. They will stay on for 1 µs
and turn off regardless of WS signal. The WS signal width does not matter.
Keep - pauses counting while Keep = 1
Up - reverses counting
If Up = 1, CNT is counting up from user selected value to 65535.
If Up = 0, CNT is counting down from user selected value to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com