Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1831AS Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1831AS
Description  Multisupply Micromonitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1831AS Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1831AS Datasheet HTML 1Page - Maxim Integrated Products DS1831AS Datasheet HTML 2Page - Maxim Integrated Products DS1831AS Datasheet HTML 3Page - Maxim Integrated Products DS1831AS Datasheet HTML 4Page - Maxim Integrated Products DS1831AS Datasheet HTML 5Page - Maxim Integrated Products DS1831AS Datasheet HTML 6Page - Maxim Integrated Products DS1831AS Datasheet HTML 7Page - Maxim Integrated Products DS1831AS Datasheet HTML 8Page - Maxim Integrated Products DS1831AS Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS1831/A/B
2 of 14
3.3V reset or for all reset outputs by the master pushbutton. The DS1831A replaces one reference
comparator and the master pushbutton with watchdog and the DS1831B replaces the 3.3V PBRST with a
last reset status output.
TOL and TD inputs allow user configuration of the DS1831 for multiple applications. The TOL inputs
configure the tolerance for the specified output and the TD inputs configure the reset time delays.
PIN DESCRIPTION
IN5V
5V Power Supply Input
MPBRST
Master Pushbutton (DS1831)
TDWD
Watchdog Time Delay Select (DS1831A)
RST 5V
5V Reset Open Drain Output
NMI2
Non-maskable Interrupt 2 (DS1831)
WDS
Watchdog Status Output (DS1831A)
TOL5V
Selects 5V Input Tolerance
NMI1
Non-maskable Interrupt 1
TD5V
Selects 5V Reset Time Delay
PBRST 3.3V
3.3V Reset Pushbutton
PBST
Pushbutton Status Output (DS1831B)
PBRST 5V
5V Reset Pushbutton
TD3.3V
Select 3.3V Reset Time Delay
IN1
Sense Input 1
TOL3.3V
Selects 3.3V Input Tolerance
IN2
ST
Sense Input 2 (DS1831)
Watchdog Strobe Inputs
(DS1831A)
RST 3.3V
3.3V Reset Open Drain Output
GND
Ground
IN3.3V
3.3V Power Supply Input
DS1831 BLOCK DIAGRAM Figure 1
RST3.3V
VCC
TOLERANCE
BIAS
IN5V
+
-
TIME
DELAY
1.25V T.C.
REFERENCE
TOL5V
GROUND
VCC
TOLERANCE
BIAS
IN3.3V
TOL3.3V
TIME
DELAY
Level
Sense
&
MPBRST
+
-
100k
TD5V
TD3.3V
100k
PBRST3.3V
PBRST5V
100k
+
-
+
-
IN1
IN2
NMI1
NMI2
RST5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com