Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC631LP3 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC631LP3
Description  GaAs HBT VECTOR MODULATOR 1.8 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC631LP3 Datasheet(HTML) 5 Page - Analog Devices

  HMC631LP3 Datasheet HTML 1Page - Analog Devices HMC631LP3 Datasheet HTML 2Page - Analog Devices HMC631LP3 Datasheet HTML 3Page - Analog Devices HMC631LP3 Datasheet HTML 4Page - Analog Devices HMC631LP3 Datasheet HTML 5Page - Analog Devices HMC631LP3 Datasheet HTML 6Page - Analog Devices HMC631LP3 Datasheet HTML 7Page - Analog Devices HMC631LP3 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
10
10 - 62
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Description
Pin Number
Function
Description
Interface Schematic
1, 4, 10 - 12
N/C
No connection. These pins may be connected to RF ground.
Performance will not be affected
2, 3
IN, IN
Differential RF inputs, 100 Ohms differential impedance. (i.e.
each pin is 50 Ohms to ground). Must be DC blocked.
5, 15
I
In-phase control input. Pins 5 and 15 are redundant.
Either input can be used.
6, 16
Q
Quadrature control input. Pins 6 and 16 are redundant.
Either input can be used.
7, 8, 13, 14
Vcc
Supply Voltage, pins are DC connected on-chip. It is only nec-
essary to supply Vcc to any 1 of the 4 pins, but all 4 pins must
be bypassed to ground. (See application circuit).
9
RFOUT
RF Output: Must be DC blocked.
GND
Ground: Backside of package has exposed metal ground
paddle which must be connected to RF/DC ground.
HMC631LP3 / 631LP3E
v00.1007
GaAs HBT VECTOR
MODULATOR 1.8 - 2.7 MHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com