Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGTD25P140FST4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NGTD25P140FST4G
Description  Reading ON Semiconductor IGBT Datasheets
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTD25P140FST4G Datasheet(HTML) 3 Page - ON Semiconductor

  NGTD25P140FST4G Datasheet HTML 1Page - ON Semiconductor NGTD25P140FST4G Datasheet HTML 2Page - ON Semiconductor NGTD25P140FST4G Datasheet HTML 3Page - ON Semiconductor NGTD25P140FST4G Datasheet HTML 4Page - ON Semiconductor NGTD25P140FST4G Datasheet HTML 5Page - ON Semiconductor NGTD25P140FST4G Datasheet HTML 6Page - ON Semiconductor NGTD25P140FST4G Datasheet HTML 7Page - ON Semiconductor NGTD25P140FST4G Datasheet HTML 8Page - ON Semiconductor NGTD25P140FST4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AND9068/D
http://onsemi.com
2
and thermal, beyond which the functionality is no longer
guaranteed and at which physical damage may occur. The
absolute maximum rating does not guarantee that the device
will meet the data sheet specifications when it is within that
range. The specific voltage, temperature, current and other
limitations are called out in the Electrical Characteristics
table.
Collector−Emitter Voltage, VCES
The maximum rated voltage to be applied between the
collector and emitter terminals of the device is specified to
prevent the device from entering avalanche breakdown and
dissipating excessive energy in the device. The avalanche
breakdown voltage varies with temperature and is at its
minimum at low temperature. The breakdown voltage of the
device is designed to meet the minimum voltage rating at
−40
°C.
Collector Current, IC
The maximum collector current is defined as the amount
of current that is allowed to flow continuously into the
collector for a given case temperature, TC, in order to reach
the maximum allowable junction temperature, TJ (150°C).
The collector current can be stated in the following equation
form:
IC +
TJ * TC
Rth(j−c)(IGBT) @ VCE(sat)
where Rth(j−c) is the thermal resistance of the package and
VCE(sat) is the on−state voltage at the specified current, IC.
Since it is the current being sought after, and VCE(sat) is a
function of current, the equation must be solved iteratively.
An estimate of the VCE(sat) for a given collector current and
temperature can found in the typical datasheet curves,
discussed later.
It is very important to understand that the absolute
maximum collector current is defined based on very specific
electrical and thermal conditions. The capability of the
IGBT to conduct current without exceeding the absolute
maximum junction temperature is highly dependent on the
thermal performance of the system, including heatsinks and
airflow.
Pulsed Collector Current, ICM
The pulsed collector current describes the peak collector
current pulse above the rated collector current specification
that can flow while remaining below the maximum junction
temperature. The maximum allowable pulsed current in turn
depends on the pulse width, duty cycle and thermal
conditions of the device.
Diode Forward Current, IF
The diode forward current is the maximum continuous
current that can flow at a fixed case temperature, TC, while
remaining under the maximum junction temperature, TJ.
This is determined in similar fashion to the VCE(sat), above.
IF +
TJ * TC
Rth(j−c)(diode) @ VF
The equation relating IF and VF to the temperature rise is
the same, although the Rth(j−c) for the diode is specified
separately.
Diode Pulsed Current, IFM
The pulsed diode current describes the peak diode current
pulse above the rated collector current specification that can
flow while the junction remains below its maximum
temperature. The maximum allowable pulsed current in turn
depends on the pulse width, duty cycle and thermal
conditions of the device.
Gate−Emitter Voltage, VGE
The gate−emitter voltage, VGE describes maximum
voltage to be applied from gate to emitter under fault
conditions. The gate−emitter voltage is limited by the gate
oxide material properties and thickness. The oxide is
typically capable of withstanding greater than 80V before
the oxide ruptures, but to ensure reliability over the lifetime
of the device, and to allow for transient overvoltage
conditions in the application, this voltage is limited to well
below the gate rupture voltage.
Power Dissipation, PD
The maximum power dissipation is determined using the
following equation:
PD +
TJ * TC
Rth(j−c)
where Rth(j−c) is the thermal resistance of the package. The
maximum power dissipation is given at case temperatures of
25
°C and 100°C, where the maximum junction temperature
is 150
°C.
Short Circuit Withstand Time, tsc
The short circuit withstand time describes the ability of
the device to carry high current and sustain high voltage at
the same time. The device must withstand at least the rated
short circuit withstand time with specified voltages applied
from collector to emitter and from gate to emitter. The
collector−emitter voltage specified for the test will vary
based on the minimum blocking voltage capability of the
device. The gate−emitter voltage is usually 15 V. The current
flowing through the device under these conditions can far
exceed the rated current, and is limited by the IGBT forward
transconductance, an electrical parameter described below.
The failure mode during this fault condition is usually
thermal in nature.
Operating Junction Temperature Range, TJ
This is the junction temperature range in which the device
is guaranteed to operate without physical or electrical
damage or reduced life expectancy.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com