Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11040 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11040
Description  MAX11040 Evaluation Kit/Daughterboard
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11040 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11040 Datasheet HTML 1Page - Maxim Integrated Products MAX11040 Datasheet HTML 2Page - Maxim Integrated Products MAX11040 Datasheet HTML 3Page - Maxim Integrated Products MAX11040 Datasheet HTML 4Page - Maxim Integrated Products MAX11040 Datasheet HTML 5Page - Maxim Integrated Products MAX11040 Datasheet HTML 6Page - Maxim Integrated Products MAX11040 Datasheet HTML 7Page - Maxim Integrated Products MAX11040 Datasheet HTML 8Page - Maxim Integrated Products MAX11040 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
General Description
The MAX11040 evaluation kit (EV kit) is a fully assem-
bled and tested PCB that evaluates the IC’s 4-channel,
simultaneous-sampling ADC. The EV kit also includes
Windows® 2000-, Windows XP®-, and Windows Vista®-
compatible software that provides a simple graphical
user interface (GUI) for exercising the IC’s features.
The EV kit comes with two MAX11040GUU+s installed
on the motherboard. Up to three more parts can be
connected to the EV kit to increase the number of input
channels by cascading up to three daughterboards to
the EV kit (order separately).
Windows, Windows XP, and Windows Vista are registered
trademarks of Microsoft Corp.
Features
o Eight Simultaneous ADC Channel Inputs
(EV Kit only)
o Up to 20* Simultaneous ADC Channel Inputs with
the EV Kit and the Daughterboards
o Four Banana Jacks for Power-Supply Inputs
o BNC Connectors on Channel 0 and Channel 1 for
the EV Kit and Daughterboard for the Signal
Inputs
o Autofrequency, RMS, Min, Max, and Average DC
Calculations in the EV Kit Software
o USB-PC Connection
o Proven PCB Layout
o Windows 2000-, Windows XP, and Windows Vista
(32-Bit)-Compatible Evaluation Software
o Fully Assembled and Tested
MAX11040 Evaluation Kit/Daughterboard
________________________________________________________________
Maxim Integrated Products
1
19-4678; Rev 1; 5/10
Component Lists
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
MAX11040 EV Kit
*The EV kit design limits 20 ADC channel inputs; however, the
IC supports up to 32 ADC channel inputs when designed in a
system using eight ICs.
PART
TYPE
MAX11040EVKIT+
EV Kit
MAX11040DBEVKIT+
Daughterboard
+
Denotes lead(Pb)-free and RoHS compliant.
DESIGNATION
QTY
DESCRIPTION
AIN0-, AIN0+,
AIN1-, AIN1+
4
75
Ω, 4-pin BNC female jack
receptacles, 0.250in spacing
(top mount)
AVDD, AGND,
DVDD, DGND
4
Uninsulated banana jacks
C1, C2, C4, C5, C10,
C11, C13, C14, C22,
C23, C25, C26, C30,
C31, C33, C34,
C46, C47
18
10pF ±5%, 50V C0G ceramic
capacitors (0603)
TDK C1608C0G1H100J
C3, C6, C7, C8, C12,
C15, C16, C18, C20,
C24, C27, C28, C32,
C35, C36, C37, C40
17
1µF ±10%, 10V X7R ceramic
capacitors (0603)
TDK C1608X7R1A105K
C9, C17, C19, C21,
C29, C38, C48, C59,
C64–C78, C80–C99,
C101–C104
47
0.01µF ±10%, 50V C0G
ceramic capacitors (0603)
TDK C1608C0G1E103K
DESIGNATION
QTY
DESCRIPTION
C39, C50–C55, C60,
C62, C63
10
0.1µF ±10%, 16V X7R ceramic
capacitors (0603)
TDK C1608X7R1C104K
C41
1
22µF ±10%, 6.3V X5R ceramic
capacitor (0805)
TDK C2012X5R0J226K
C42
1
4.7µF ±10%, 6.3V X5R ceramic
capacitor (0603)
TDK C1608X5R0J475M
C43, C44, C45, C57,
C58, C61, C107,
C108, C111–C126
0
Not installed, ceramic
capacitors (0603)
C49
1
10µF ±10%, 4V X5R ceramic
capacitor (0603)
TDK C1608X5R0G106K
C79
1
22µF ±20%, 6.3V X7R ceramic
capacitor (1206)
TDK C3216X7R0J226M


Similar Part No. - MAX11040

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11040 MAXIM-MAX11040 Datasheet
363Kb / 31P
24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
MAX11040 MAXIM-MAX11040 Datasheet
343Kb / 32P
24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
MAX11040 MAXIM-MAX11040 Datasheet
1Mb / 9P
12-Bit, 2-/4-Channel, SAR ADC Support (MAX11612)
Rev 0; 5/10
MAX11040GUU+ MAXIM-MAX11040GUU+ Datasheet
363Kb / 31P
24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
MAX11040GUU+ MAXIM-MAX11040GUU+ Datasheet
343Kb / 32P
24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
More results

Similar Description - MAX11040

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM6541 PMC-PM6541 Datasheet
179Kb / 49P
E1XC EVALUATION DAUGHTERBOARD
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX11040K MAXIM-MAX11040K_12 Datasheet
1Mb / 32P
MAX11040K Evaluation Kit/Daughterboard
Rev 0; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com