Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLDN-06D1AX Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # SLDN-06D1AX
Description  3-14.4 VDC Input / 0.45 VDC 6 A Output
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDN-06D1AX Datasheet(HTML) 4 Page - Bel Fuse Inc.

  SLDN-06D1AX Datasheet HTML 1Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 2Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 3Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 4Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 5Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 6Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 7Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 8Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
4
SLDN-06D1Ax
tech.support@psbel.com
Note: Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions.
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Efficiency
Vo = 0.6 V
Vo = 1.2 V
Vo = 1.8 V
Vo = 2.5 V
Vo = 3.3 V
Vo = 5.0 V
Vin = 12 VDC, TA = 25°C
Io = Io, max, Vo = Vo, set
-
75.6
85.0
88.6
90.6
92.1
93.8
-
%
Switching Frequency
-
600
-
kHz
Synchronization Frequency Range
510
-
720
kHz
High-Level Input Voltage
2.0
-
-
V
Low-Level Input Voltage
-
-
0.4
V
Input Current, SYNC
-
-
100
nA
Minimum Pulse Width, SYNC
100
-
-
ns
Maximum SYNC rise time
100
-
-
ns
Over Temperature Protection
-
150
-
℃
Power Management Bus Over
Temperature Warning Threshold
-
130
-
℃
Power Management Bus Adjustable
Input Under Voltage Lockout Thresholds
2.5
-
14
V
Resolution of Adjustable Input Under
Voltage Threshold
-
-
500
mV
Input Undervoltage Lockout
Turn-on Threshold
Turn-off Threshold
Hysteresis
-
2.79
-
V
-
2.58
-
V
-
0.2
-
V
Tracking Accuracy
Power-Up: 2V/ms
Power-Down: 2V/ms
Vin, min to Vin, max; Io, min to Io, max, Vseq < Vo
-
-
-
-
100
100
mV
mV
PGOOD (Power Good)
Signal Interface Open Drain,
Vsupply
 5 VDC
Overvoltage threshold for PGOOD ON
-
108
-
%Vo, set
Overvoltage threshold for PGOOD OFF
-
110
-
%Vo, set
Undervoltage threshold for PGOOD ON
-
92
-
%Vo, set
Undervoltage threshold for PGOOD OFF
-
90
-
%Vo, set
Pulldown resistance of PGOOD pin
-
-
50
Ω
Sink current capability into PGOOD pin
-
-
5
mA
Weight
-
1.65
-
g
MTBF
Calculated MTBF (IO=0.8IO, max, TA=40°C)
Telecordia Issue 2 Method 1 Case 3
18,595,797
hours
Dimensions (L × W × H)
0.48 x 0.48 x 0.29
12.2 x 12.2 x 7.25
in
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com