Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS2118D3DL01 Datasheet(PDF) 4 Page - VITALCONN ELECTRONICS HK LTD.

Part # JS2118D3DL01
Description  RJ45 2*1 W/ LAN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITALCONN [VITALCONN ELECTRONICS HK LTD.]
Direct Link  http://www.vitalconn.com/
Logo VITALCONN - VITALCONN ELECTRONICS HK LTD.

JS2118D3DL01 Datasheet(HTML) 4 Page - VITALCONN ELECTRONICS HK LTD.

  JS2118D3DL01 Datasheet HTML 1Page - VITALCONN ELECTRONICS HK LTD. JS2118D3DL01 Datasheet HTML 2Page - VITALCONN ELECTRONICS HK LTD. JS2118D3DL01 Datasheet HTML 3Page - VITALCONN ELECTRONICS HK LTD. JS2118D3DL01 Datasheet HTML 4Page - VITALCONN ELECTRONICS HK LTD. JS2118D3DL01 Datasheet HTML 5Page - VITALCONN ELECTRONICS HK LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPECIFICATIONS:
1. COMPLIES WITH IEEE STANDARDS AND ALL 10/100/1000M ETHERNET
SPECIFICATIONS INCLUDING 350UH WITH 8MA DC BIAS
2. INTER GRATED MAG-MODULAR DESIGN PROVIDES HIGHER RELIABILITY
AND CONSERVES MINIMIZING PCB SPACE
3. HOUSING : THERMOPLASTIC LCP UL94 V0 RATED
4. RJ45 CONTACT : PHOSPHOR BRONZE C5210,THICKNESS=0.30MM
PLATED NICKEL 30U'' MIN, 6U'' GOLD PLATED ON CONTENT AREA
5. INPUT TERMINAL : BRASS, THICKNESS=0.30MM
FINISH : 120U''MIN TIN OVER 50U'' MIN NICKEL
6. METAL SHIELDING : COPPER ALLOY WITH NICKEL PLATED (C2680)
THICKNESS=0.20MM NICKEL 30U'' MIN
7. DIFFERENT COLOR OF LEDS OPTION AVAILABLE
8. OPERATING TEMPERATURE : -0°C TO +70°C
9. STORAGE TEMPERATURE : -40°C TO +85°C
SCHEMATIC :
ELECTRICAL SPECIFICATIONS ( 25°C±5°C ) :
1. DIELECTRIC WITHSTAND :
( P1 / P3 / P5 / P7 ) : ( P2 / P4 / P6 / P8 ) : 500V AC
2. DC RESISTANCE :
( P1~J1 ) : ( P2~J2 ) : ( P3~J3 ) : ( P4~J4 ) : 1.0 OHMS MAX
( P5~J5 ) : ( P6~J6) : ( P7~J7) : ( P8~J8) :1.0 OHMS MAX
RoHS Compliant



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com