Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCC02-E Datasheet(PDF) 4 Page - STMicroelectronics

Part # STCC02-E
Description  CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC02-E Datasheet(HTML) 4 Page - STMicroelectronics

  STCC02-E Datasheet HTML 1Page - STMicroelectronics STCC02-E Datasheet HTML 2Page - STMicroelectronics STCC02-E Datasheet HTML 3Page - STMicroelectronics STCC02-E Datasheet HTML 4Page - STMicroelectronics STCC02-E Datasheet HTML 5Page - STMicroelectronics STCC02-E Datasheet HTML 6Page - STMicroelectronics STCC02-E Datasheet HTML 7Page - STMicroelectronics STCC02-E Datasheet HTML 8Page - STMicroelectronics STCC02-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
STCC02-ED5
4/13
The Zero Voltage Synchronization ZVS circuit generates a low frequency clock using the AC line cycles
(20 ms on 50 Hz or 16.7 ms on 60 Hz). This clock allows the MCU to generate the cooking timings and to
reduce the magnetron inrush current by powering it on at the AC line peak voltage.
The input pin SYN is an image of the mains voltage and is usually connected to the supply transformer
through a resistor RZV.
The circuit is protected against fast line transients because its state change will act on the whole MCU
routines: a 30
µs filter is implemented giving a higher immunity to the MCU circuit.
Since the ZVS pin connected to the Non Maskable Interrupt NMI or INT\ of the MCU, its falling edge is the
active counting event. The delay between the real Zero Crossing event and this ZVS falling edge depends
on the internal filtering time, the resistance RZV, the transformer, the rectifier drop voltage VF, the VCC sup-
ply load and the temperature. The STCC02 contribution to this delay can be evaluated by measuring the
delay between its input voltage VTF and its output voltage VZVS. When using VF = 0.8V, RZV = 10 kΩ, VCC
= 15V, ICC = 20 mA, it is about 50 µs on rising voltage VTF and 115 µs on falling voltage VTF.
■ Door closed detection circuit
The magnetron of the oven can be powered only if the door is closed in order to protect the oven user.
This safety feature is ensured mechanically by putting the door switch in series with the magnetron relay
coil supply.
For redundancy purpose, the Door Closed Detection CDD signal is also transmitted to the MCU. Since the
DS input detects the door state from an electromechanical switch, a spike suppressor is added to increase
its robustness. Its EMI immunity in off state (open door) is increased thanks to a 50k
Ω pull down resistor
that maintains the DS signal in low state. When DS is high (24V), CDD signal is also in high state (5V).
50µs
115µs
50µs
50µs
115µs
115µs
RZV
CC
CC
= 10 k ; V
= 15 V; I
= 20 mA
Ω
VZVS
FALLING EDGE
RISING EDGE
VTF
2V / div
40µs / div
VCC
VDD
CDD
DS
Door Switch
EMI Filter
500
Ω
VDD
50 k
Ω
25 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com