Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7807 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC7807
Description  Photodetector/Transimpedance Amplifier Family for Optical Communication
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7807 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC7807 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7807 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7807 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7807 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7807 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7807 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7807 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7807 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7807 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7807
Photodetector/Transimpedance Amplifier
Family for Optical Communication
G52363-0, Rev 2.1
Page 3
04/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Absolute Maximum Ratings(1)
Power Supply Voltage (VSS) .............................................................................................................................. 6V
Storage Humidity s(relative humidity, including condensation) ........................................................... 5% to 95%
Operating Humidity (relative humidity, excluding condensation) ........................................................ 8% to 80%
Impact Shock (IS)(2) ....................................................................................................................................... 500G
Incident Optical Power ................................................................................................................................ +3dBm
Storage Temperature Range (case temperature under bias)
........................................................ −55°C to +125°C
NOTES: (1) CAUTION: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without causing permanent
damage. Functionality at or above the values listed is not implied. Exposure to these values for extended periods may affect device reli-
ability. (2) Half sine wave, pulse duration 1 ±0.5ms, 3 blows in each direction.
Recommended Operating Conditions
Positive Voltage Rail (VSS) ................................................................................................................ 3.0V to 3.6V
Optical Power ................................................................................................................................................ 0dBm
Operating Temperature Range (TA)............................................................................0°C Ambient to +85°C Case
Figure 1: Pin Diagram (TO-46 and TO-56 packages)
Table 2: Pin Table Specifications for Ball Lens Packages, Flat Window Packages and Bare Die
Symbol
Description
DOUTP
Data output normal (with reference to incident light)
DOUTN
Data output complement (inverting) (with reference to incident light)
VSS
Power supply
GND
Ground (package case)
VSS
DOUTN
DOUTP
GND
BottomView



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com