Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7807WA Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7807WA
Description  Photodetector/Transimpedance Amplifier Family for Optical Communication
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7807WA Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7807WA Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7807WA Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7807WA Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7807WA Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7807WA Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7807WA Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7807WA Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7807WA Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7807WA Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7807
Photodetector/Transimpedance Amplifier
Family for Optical Communication
Page 4
G52363-0, Rev 2.1
04/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 2: Pad Assignments
Table 3: Pad Coordinates
Signal
Name
Pad
Number
Coordinates (µm)
Description
X
Y
VGND
1
55
943.6
Ground
CLOP
2
55
1093.6
Data output, true (with reference to incident light)
CLON
3
780
1093.6
Data output, complement (with reference to incident light)
VGND
4
780
943.6
Ground
VGND
5
596.7
61.4
Ground
VDD
6
244.2
61.4
Power Supply
VSC7807
Die Size:
835
µm x 1481µm (32.9mils x 58.3mils)
Die Thickness:
635
µm (26mils)
Pad Sizes:
108
µm x 108µm (4.3mils x 4.3mils)
244
µm x 108µm (9.6mils x 4.3mils)
Pad Passivation Openings: 86
µm x 86µm (3.4mils x 3.4mils)
223
µm x 86µm (8.8mils x 3.4mils)
Scribe Size:
157
µm (6.2mils)
Pad 4
VGND
Pad 5
VGND
Pad 6
VDD
835
µm
(32.9mils)
1481
µm (58.3mils)
157
µm
(6.2mils)
Pad 3
CLON
Pad 1
VGND
Pad 2
CLOP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com