Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7809WB Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7809WB
Description  Photodetector/Transimpedance Amplifier Family for Optical Communication
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7809WB Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7809WB Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7809WB Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7809WB Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7809WB Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7809WB Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7809WB Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7809WB Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7809WB Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7809WB Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7809
Photodetector/Transimpedance Amplifier
Family for Optical Communication
G52195-0, Rev 2.4
Page 1
04/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Features
General Description
The VSC7809 integrated Photodetector/Transimpedance Amplifier provides a highly integrated solution
for converting light from a fiber optic communications channel into a differential output voltage. The benefits
of Vitesse Semiconductor’s Gallium Arsenide H-GaAs process are fully utilized to provide very high bandwidth
and low noise in a product with a large optically active area for easy alignment. The sensitivity, duty cycle dis-
tortion and jitter meet or exceed all Fibre Channel and Gigabit Ethernet application requirements. Parts are
available in either die form, flat-windowed packages or in ball-lens packages.
By using a metal-semiconductor-metal (MSM) photodetector with a monolithic integrated transimpedance
amplifier, the input capacitance is lowered which allows for a larger optically active area than in discrete photo-
detectors. Integration also allows superior tracking over process, temperature and voltage between the photode-
tector and the amplifier, resulting in higher performance. This part can easily be used in developing Fibre
Channel Electro-Optic Receivers which exhibit very high performance and ease of use.
VSC7809 Block Diagram
Part Number
Data Rate
Bandwidth
(MHz)
Input Noise
(
µW rms)
Optically Active Area
(
µm diameter)
VSC7809
1.25Gb/s
800
1.4
100
• Integrated Photodetector/Transimpedance
Amplifier Optimized for High-Speed Optical
Communications Applications
• Fibre Channel/Gigabit Ethernet Compatible
• High Bandwidth
• Low Input Noise Equivalent Power
• Large Optically Active Area
• Single 3.3V Power Supply
Both DOUTP and DOUTN are back-terminated to 25
Ω.
Photodetector/Transimpedance Amplifier
DOUTP
DOUTN
+3.3V
GND


Similar Part No. - VSC7809WB

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7807 VITESSE-VSC7807 Datasheet
144Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7807WA VITESSE-VSC7807WA Datasheet
144Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7807WB VITESSE-VSC7807WB Datasheet
144Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7807WC VITESSE-VSC7807WC Datasheet
144Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7807WD VITESSE-VSC7807WD Datasheet
144Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
More results

Similar Description - VSC7809WB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61083FP MITSUBISHI-M61083FP Datasheet
30Kb / 5P
PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP
M61084FP MITSUBISHI-M61084FP Datasheet
31Kb / 5P
PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP?
M61089FP MITSUBISHI-M61089FP Datasheet
27Kb / 5P
PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP?
logo
Sony Corporation
CXB1573R SONY-CXB1573R Datasheet
332Kb / 21P
Post-Amplifier for Optical Fiber Communication Receiver
logo
Vitesse Semiconductor C...
VSC7710 VITESSE-VSC7710 Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
logo
Hitachi Semiconductor
HA16852MP HITACHI-HA16852MP Datasheet
195Kb / 5P
Optical Communication Receiver/Amplifier
HA16853MP HITACHI-HA16853MP Datasheet
167Kb / 5P
Optical Communication Receiver/Amplifier
HA16856MP HITACHI-HA16856MP Datasheet
210Kb / 6P
Optical Communication Receiver/Amplifier
logo
Vitesse Semiconductor C...
VSC7807 VITESSE-VSC7807 Datasheet
144Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7810 VITESSE-VSC7810 Datasheet
163Kb / 14P
Photodetector/Transimpedance Amplifier Family for Optical Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com