Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS149317 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS149317
Description  Clock Synthesizer for Portable Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS149317 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS149317 Datasheet HTML 1Page - Integrated Circuit Systems ICS149317 Datasheet HTML 2Page - Integrated Circuit Systems ICS149317 Datasheet HTML 3Page - Integrated Circuit Systems ICS149317 Datasheet HTML 4Page - Integrated Circuit Systems ICS149317 Datasheet HTML 5Page - Integrated Circuit Systems ICS149317 Datasheet HTML 6Page - Integrated Circuit Systems ICS149317 Datasheet HTML 7Page - Integrated Circuit Systems ICS149317 Datasheet HTML 8Page - Integrated Circuit Systems ICS149317 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Clock Synthesizer for Portable Systems
MDS 1493-17 A
5
Revision 101005
Integr ated Circuit System s
● 525 Ra ce Stree t, Sa n Jose, CA 951 26 ● te l (4 08) 297 -1201 ● www.icst.com
ICS1493-17
PRELIMINAR Y INFORMA T ION
AC Electrical Characteristics
Unless stated otherwise, VDDO = 2.5 V ±5%, Ambient Temperature -10
°C to +80°C
Note 1: Measured with a 5 pF load.
Note 2: Finish from prior cycle to start of new cycle.
Internal Pull-down Resistor
RPD
OE, 48M, 22M,
22/24M, 37M, 27M
75
250
k
Ω
Internal Pull-up Resistor
RPu
SCK, SDATA
100
500
k
Ω
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
fIN
27
MHz
Output Rise Time
tOR
20% to 80%, Note 1
0.7
1.5
2.2
ns
Output Fall Time
tOF
80% to 20%, Note 1
0.7
1.5
2.2
ns
Output Impedance
RO
VO=VDDO/2
33
46
68
Ω
Output Clock Duty Cycle
VDDO/2, 27 MHz,
Note 1
40
50
60
%
VDDO/2, Note 1
45
50
55
%
Frequency Synthesis Error
All outputs
0
ppm
Modulation Rate
30
35
40
kHz
Short Term Jitter
Cycle-to-Cycle
150
300
ps
Long Term Jitter
27 MHz, n=1000
600
ps
Long Term Jitter
48 MHz, n=1000
800
ps
Long Term Jitter
22M and 22/24M,
n=1000
1.2
ns
Long Term Jitter
37 MHz non-spread,
n=1000
1.5
6
ns
Power-up Time
tPU
From minimum VDD
to outputs stable
1.5
3
ms
Output Enable Time
50
ns
Output Disable Time
20
ns
Switching Time
22/24M, Note 2
100
ns
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com