Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11901 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11901
Description  Peripheral Module and FMC Connector for Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11901 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11901 Datasheet HTML 1Page - Maxim Integrated Products MAX11901 Datasheet HTML 2Page - Maxim Integrated Products MAX11901 Datasheet HTML 3Page - Maxim Integrated Products MAX11901 Datasheet HTML 4Page - Maxim Integrated Products MAX11901 Datasheet HTML 5Page - Maxim Integrated Products MAX11901 Datasheet HTML 6Page - Maxim Integrated Products MAX11901 Datasheet HTML 7Page - Maxim Integrated Products MAX11901 Datasheet HTML 8Page - Maxim Integrated Products MAX11901 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX11900/MAX11901/
MAX11902/MAX11903/
MAX11904/MAX11905
MAX11905 Evaluation Kit
General Description of Software
The main window of the MAX11905 EV kit software con-
tains five tabs:
SYSTEM, SCOPE, DMM, HISTOGRAM,
and
FFT. The SYSTEM tab provides control to com-
municate with the ZedBoard, SPI, and the IC registers.
The other four tabs are used for evaluating the IC’s high-
speed ADC.
SYSTEM Tab
When all connections are made on the system and
are fully powered, the
SYSTEM tab sheet displays the
correct IP address, port, and the lower status bar
displays as shown Figure 1. These are all indicators that the
system and GUI are ready for communication.
Before proceeding, the connector used on the ZedBoard
should be connected to either the FMC or peripheral module
connector on the EV kit. If the FMC connector is used, all
SCLK frequencies are applicable. If the peripheral module
connector is used, the maximum allowed frequency is
37.5MHz. For the
Clock Source selection, the ZedBoard
internal clock is always a valid option. If the external
clock is selected, an external clock must be applied at the
DCLK_IN SMA on the EV kit. The Sync-Out CLK selection
is used to synchronize the signal generator with a 10MHz
input. See the Sync Input and Sync Output section for
more information. Once the above configurations are
completed, adjust to the desired sampling rate, reference
voltage, and number of samples, and then click on the
SET button.
Also in this tab are the IC register controls. The Mode
register is accessible using the controls on the
MAX11905
Mode Register Configuration group box in the center, or
the
Mode control on the right. All other registers are read-
only and are updated by clicking on the appropriate
Read
button. The first and second REF must be shorted on the
board to use the REF controls.
1st REF BUF and 2nd
REF BUF are internally set to the same value. The GUI
forces these two controls to the same value, regardless
of the user’s choice.
Figure 1. MAX1190X EV Kit Main Window (SYSTEM Tab Sheet)
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com