Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLP832 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # MLP832
Description  Package information - MLP832
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

MLP832 Datasheet(HTML) 3 Page - Zetex Semiconductors

  MLP832 Datasheet HTML 1Page - Zetex Semiconductors MLP832 Datasheet HTML 2Page - Zetex Semiconductors MLP832 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package information - MLP832
Issue 2 - October 2005
3
www.zetex.com
© Zetex Semiconductors plc 2005
This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or
reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned.
The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Figure 1 - rotational and lateral movement
Reel configuration
NOTES:
* A0, B0 and K0 dimensions are determined with respect to EIA/JEDEC rotational and lateral movement requirements
(see fig. 1).
Tape
size
A (max.)
B
(min.)
CD
(min.)
N
(min.)
GT
(max.)
8mm
179
(7.047)
1.5
(0.06)
13.00 ±0.02
(0.512 ±0.008)
25.0
(0.984)
50
(1.969)
8.4 +1.5 –0.0
(0.33 +0.06 – 0.00)
14.4
(0.567)
12mm
330
(12.992)
1.5
(0.06)
13.00 ±0.02
(0.512 ±0.008)
20.2
(0.795)
50
(1.969)
12.4 +2.0 –0.0
(0.49 +0.079 – 0.00)
18.4
(0.724)
16mm
330
(12.992)
1.5
(0.06)
13.00 ±0.02
(0.512 ±0.008)
20.2
(0.795)
50
(1.969)
16.4 +2.0 –0.0
(0.65 +0.079 – 0.00)
22.4
(0.882)
24mm
330
(12.992)
1.5
(0.06)
13.00 ±0.02
(0.512 ±0.008)
20.2
(0.795)
60
(2.362)
24.4 +2.0 –0.0
(0.96 +0.079 –0.00)
30.4
(1.197)
20° maximum
0.5mm
maximum
0.5mm
maximum
Component
lateral movement
Component
cavity
center line
20° maximum
Component
center line
B0
A0
Component rotation - top view
Component rotation - side view
Full radius
Tape slot in core
for tape start.
2.5mm min. width,
10mm min. depth
G
T
N
C
D
A
B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com