Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB4BA711237 Datasheet(PDF) 6 Page - Schneider Electric

Part # XB4BA711237
Description  Triple headed push button, Harmony XB4, white flush/red projecting/black flush pushbutton 횠22 mm 1NO1NC1 NO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XB4BA711237 Datasheet(HTML) 6 Page - Schneider Electric

  XB4BA711237 Datasheet HTML 1Page - Schneider Electric XB4BA711237 Datasheet HTML 2Page - Schneider Electric XB4BA711237 Datasheet HTML 3Page - Schneider Electric XB4BA711237 Datasheet HTML 4Page - Schneider Electric XB4BA711237 Datasheet HTML 5Page - Schneider Electric XB4BA711237 Datasheet HTML 6Page - Schneider Electric XB4BA711237 Datasheet HTML 7Page - Schneider Electric XB4BA711237 Datasheet HTML 8Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Product data sheet
Mounting and Clearance
XB4BA711237
Pushbuttons, Switches and Pilot Lights for Printed Circuit Board Connection
Panel Cut-outs (Viewed from Installer’s Side)
A: 30 mm min. / 1.18 in. min.
B: 40 mm min. / 1.57 in. min.
Printed Circuit Board Cut-outs (Viewed from Electrical Block Side)
Dimensions in mm
A: 30 mm min.
B: 40 mm min.
Dimensions in in.
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com