Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL602-20SC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL602-20SC
Description  200MHz XO IC With Selectable 4X/8X Multiplier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-20SC Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL602-20SC Datasheet HTML 1Page - PhaseLink Corporation PLL602-20SC Datasheet HTML 2Page - PhaseLink Corporation PLL602-20SC Datasheet HTML 3Page - PhaseLink Corporation PLL602-20SC Datasheet HTML 4Page - PhaseLink Corporation PLL602-20SC Datasheet HTML 5Page - PhaseLink Corporation PLL602-20SC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PLL602-20
200MHz XO IC With Selectable 4X/8X Multiplier
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 02/18/05 Page 1
FEATURES
• Integrated crystal oscillator circuitry (XO).
• Very low Jitter and Phase Noise (-110dBc @
10kHz offset)
• Selectable frequency multiplication (x4, x8).
• Accepts Fundamental Crystal input of 10MHz-30MHz
• Output Frequency: up to 200MHz CMOS
• Output enable (OE) pin with 60KΩ pull up
resistor
• Operating temperature range from 0°C to 70°C
• 2.5 or 3.3V supply voltage.
• Available in Green/RoHS compliant 8-pin SOIC
package
DESCRIPTION
The PLL602-20 is a general purpose low jitter and
low phase noise (-110dBc @10kHz offset), high
performance CMOS XO IC. This flexible device can
be used as a XO with output frequencies ranging
from FXIN x 4 to FXIN x 8 with the use of a single
selector pin. This makes the PLL602-20 the ideal
high performance, low-cost solution for a wide range
of applications requiring up to 200MHz (including
77.76MHz, 125MHz and 155.52MHz).
BLOCK DIAGRAM
PIN CONFIGURATION
PAD LAYOUT AND DIE ID
DIE SPECIFICATION
Name
Value
Size
31.5x55.1 mil
Reverse side
GND
Pad Opening
80 micron x 80 micron
Die Thickness
10 mil
XIn
XO
CLK
Selectable
PLL
XOut
SELx4x/8
1
2
3
4
5
6
7
8
XIN/FIN
GND
SEL4X/8X
CLK
XOUT
NC
VDD
OE
XIN
GND
GND
SEL4X/8X
1
2
3
4
5
9
6
7
8
XOUT
OE
VDD
VDD
1
2
3
4
5
9
6
7
8
CLK
C


Similar Part No. - PLL602-20SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-00 PLL-PLL602-00 Datasheet
174Kb / 4P
Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
PLL602-00DC PLL-PLL602-00DC Datasheet
208Kb / 7P
Low Phase Noise XO with multipliers (for HF Fund. and 3rd O.T.)
PLL602-00DC PLL-PLL602-00DC Datasheet
174Kb / 4P
Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
PLL602-00DI PLL-PLL602-00DI Datasheet
208Kb / 7P
Low Phase Noise XO with multipliers (for HF Fund. and 3rd O.T.)
PLL602-00DI PLL-PLL602-00DI Datasheet
174Kb / 4P
Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
More results

Similar Description - PLL602-20SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL601-12 PLL-PLL601-12 Datasheet
203Kb / 5P
Dual Output PLL Clock with Selectable Odd Multiplier
PLL602-38N PLL-PLL602-38N Datasheet
196Kb / 4P
4x Low Phase Noise Multiplier PECL XO
PLL602-00 PLL-PLL602-00 Datasheet
174Kb / 4P
Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
logo
Cirrus Logic
CS2300-02 CIRRUS-CS2300-02 Datasheet
90Kb / 3P
1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
logo
PulseCore Semiconductor
ASM3P2274A PULSECORE-ASM3P2274A Datasheet
156Kb / 8P
Low Power 4X Multiplier EMI Reduction IC
logo
ON Semiconductor
ASM3P2274A ONSEMI-ASM3P2274A Datasheet
139Kb / 7P
4X Multiplier EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
Cirrus Logic
CS2300-01 CIRRUS-CS2300-01 Datasheet
92Kb / 3P
1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
logo
Abracon Corporation
ABX0112 ABRACON-ABX0112 Datasheet
58Kb / 5P
Dual Output PLL Clock with Selectable Odd Multiplier
logo
Microchip Technology
MX575ABC200M000 MICROCHIP-MX575ABC200M000 Datasheet
1Mb / 4P
Ultra-Low Jitter 200MHz LVCMOS XO
November 23, 2016 Revision 1.0
logo
Micrel Semiconductor
PL602-00 MICREL-PL602-00 Datasheet
272Kb / 4P
Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com