Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P602-20SC Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # P602-20SC
Description  200MHz XO IC With Selectable 4X/8X Multiplier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P602-20SC Datasheet(HTML) 4 Page - PhaseLink Corporation

  P602-20SC Datasheet HTML 1Page - PhaseLink Corporation P602-20SC Datasheet HTML 2Page - PhaseLink Corporation P602-20SC Datasheet HTML 3Page - PhaseLink Corporation P602-20SC Datasheet HTML 4Page - PhaseLink Corporation P602-20SC Datasheet HTML 5Page - PhaseLink Corporation P602-20SC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PLL602-20
200MHz XO IC With Selectable 4X/8X Multiplier
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 02/18/05 Page 4
DC SPECIFICATIONS
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic, with
Loaded Outputs
IDD
At 80MHz, load=15pF,
VDD=3.3V
15
mA
Operating Voltage
VDD
2.25
3.63
V
Output Low Voltage
VOL
IOL = +4mA Std. drive
0.4
V
Output High Voltage
VOH
IOH = -4mA Std. drive
VDD – 0.4
V
Output Current
IOSD
VOL = 0.4V, VOH = 2.4V
24
mA
Short-circuit Current
IS
±50
mA
JITTER AND PHASE NOISE SPECIFICATION
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
at 155MHz, with capacitive decoupling
between VDD and GND.
50
Period Jitter
(PkPk – 10,000 samples)
at 80MHz, with capacitive decoupling
between VDD and GND.
55
ps
Phase Noise relative to carrier
125MHz @100Hz offset
-100
dBc/Hz
Phase Noise relative to carrier
125MHz @1kHz offset
-118
dBc/Hz
Phase Noise relative to carrier
125MHz @10kHz offset
-112
dBc/Hz
Phase Noise relative to carrier
125MHz @100kHz offset
-98
dBc/Hz
Phase Noise relative to carrier
125MHz @1MHz offset
-107
dBc/Hz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com