Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA14AVDDECT Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # DA14AVDDECT
Description  The module is based on Dialogs DA14495 chip that supports DQPSK and D8PSK besides the
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14AVDDECT Datasheet(HTML) 1 Page - Dialog Semiconductor

  DA14AVDDECT Datasheet HTML 1Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 2Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 3Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 4Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 5Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 6Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 7Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 8Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
DA14AVDDECT SF01
DA14AVDDECT SF01 Datasheet
Datasheet
Revision 2.1
02-Jun-2020
CFR0011-120-00
1 of 25
© 2020 Dialog Semiconductor
General Description
The DA14AVDDECT from Dialog Semiconductor is a member of the wireless module family that
operates in the interference-free DECT frequency band (1.9 GHz) and can be used in hosted or
embedded Audio, Voice, and Data applications. The module includes all the required radio
components, antenna, a low-power audio CODEC (DA7218), and a 32 Mb FLASH memory. The
module is intended for users who are familiar with application-level software programming but does
not require detailed understanding of the DECT protocol to facilitate rapid design-in cycles. The
module can be operated as a stand-alone device or from a host through an API interface.
The module is based on Dialog's DA14495 chip that supports DQPSK and D8PSK besides the
traditional GFSK. This increases the raw air data rate by up to three times.
The module is available with 1.5 mm pitch BGA solder balls for an excellent solderability and a
sufficient connectivity. The dimensions for the module are 17.0 mm × 26.65 mm.
This document describes the hardware of the DA14AVDDECT module. A separate document details
the software and APIs.
Key Features
■ All RF components are integrated, thus no
customer tuning is required
■ Supported bands include EU-DECT, DECT
6.0 for North America, and Japan DECT
(JDECT)
■ On-PCB antenna, the module also supports
an optional second external antenna)
■ Integrated RF shield
■ Low power operations
■ Audio bandwidth from 20 Hz to 20 kHz
■ 32 Mbit FLASH, so program memory available
for custom software
■ Integrated audio ADC/DAC (external audio
ADC/DAC supported through GPIO mapping)
■ Limited modular approval for EN301-406 (EU-
DECT), FCC Part 15 (DECT 6.0), and TELEC
(J-DECT)
■ Supports NiMH, alkaline, and Li-Ion batteries
■ A Voice Data Stack or an Audio Data Stack
are available to be downloaded
Applications (Defined by SW)
■ Public Address solution with four microphones
■ Tour Guide Systems for up to 1024 listeners
■ Conferencing Systems with eight participants
■ Wireless Intercom Systems supporting HD
Voice
■ Wireless Stereo Headphones and Headsets
■ Wireless Low Latency Microphones


Similar Part No. - DA14AVDDECT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA14AVDDECT RENESAS-DA14AVDDECT Datasheet
1Mb / 27P
DA14AVDDECT SF01
31-Dec-2021
DA14AVDDECTSF01 RENESAS-DA14AVDDECTSF01 Datasheet
1Mb / 27P
All RF components are integrated, thus no customer tuning is required
Nov 27, 2024
More results

Similar Description - DA14AVDDECT

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EMDB6812 EMMICRO-EMDB6812 Datasheet
380Kb / 19P
The EMDB6812 is based on two PCBs
logo
STMicroelectronics
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
Amplifier based on the TS4990IQT
27-Apr-2012
STEVAL-IHP003V1 STMICROELECTRONICS-STEVAL-IHP003V1 Datasheet
157Kb / 4P
Remote-controlled PLM network module based on the ST7540 and STM32F103C8
28-Apr-2010
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
Plethysmograph based on the TS507
28-Jan-2010
AN4069 STMICROELECTRONICS-AN4069 Datasheet
813Kb / 16P
This demonstration board is based on the STEF05 and STEF12 electronic fuses
12-Mar-2012
AN4308 STMICROELECTRONICS-AN4308 Datasheet
270Kb / 14P
The STCCxxxx devices also integrate the autodetect feature that supports both DCP
17-Jun-2013
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
Microcontroller Based on the ARM
logo
ATMEL Corporation
STK505 ATMEL-STK505 Datasheet
158Kb / 11P
Supports the ATtiny24 and ATtiny26
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-PICO-D4 ESPRESSIF-ESP32-PICO-D4 Datasheet
2Mb / 24P
The ESP32-PICO-D4 is a System-in-Package (SiP) module that is based on ESP32, providing complete Wi-Fi and Bluetooth functionalities
logo
NXP Semiconductors
MC68HC05P15 NXP-MC68HC05P15 Datasheet
3Mb / 62P
The MC68HC05P15 is a 28-pin device based on the MC68HC05P5 with an on-chip analog voltage comparator and a two channel PWM.
Rev. 0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com