Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7282 Datasheet(PDF) 68 Page - Dialog Semiconductor

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7282 Datasheet(HTML) 68 Page - Dialog Semiconductor

Back Button DA7282 Datasheet HTML 64Page - Dialog Semiconductor DA7282 Datasheet HTML 65Page - Dialog Semiconductor DA7282 Datasheet HTML 66Page - Dialog Semiconductor DA7282 Datasheet HTML 67Page - Dialog Semiconductor DA7282 Datasheet HTML 68Page - Dialog Semiconductor DA7282 Datasheet HTML 69Page - Dialog Semiconductor DA7282 Datasheet HTML 70Page - Dialog Semiconductor DA7282 Datasheet HTML 71Page - Dialog Semiconductor DA7282 Datasheet HTML 72Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 77 page
background image
DA7282
LRA/ERM Ultra-Low Power Haptic Driver with Multiple
Input Triggers and Integrated Waveform Memory
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
68 of 77
© 2019 Dialog Semiconductor
Table 59: ADC_DATA_H1 (0x002E)
Bit
Mode
Symbol
Description
Reset
[7:0]
RO
ADC_VDD_H
Unsigned VDD measurement, see Section 5.7.13
������������ ������������������������ ����������������������������
= (������������_������������_���� × 128 + ������������_������������_����)
× 0.1831��������
0xFF
Table 60: ADC_DATA_L1 (0x002F)
Bit
Mode
Symbol
Description
Reset
[6:0]
RO
ADC_VDD_L
Unsigned VDD measurement, see Section 5.7.13
������������ ������������������������ ����������������������������
= (������������_������������_���� × 128 + ������������_������������_����)
× 0.1831��������
0x7F
Table 61: POLARITY (0x0043)
Bit
Mode
Symbol
Description
Reset
[0]
RO
POLARITY
Current polarity read-back, see Section 5.7.8
0x0
Table 62: LRA_AVR_H (0x0044)
Bit
Mode
Symbol
Description
Reset
[7:0]
RO
LRA_PER_AVE
RAGE_H
MS-bits of the average LRA resonant period based on the last
four half-periods, see Section 5.7.1. The following formula
describes the output:
������������ ������������������������ (��������)
= 1333.32 × 10−9 × (128
× ������������_������������_����������������������������_����
+ ������������_������������_����������������������������_����)
0x0
Table 63: LRA_AVR_L (0x0045)
Bit
Mode
Symbol
Description
Reset
[6:0]
RO
LRA_PER_AVERA
GE_L
LS-bits of the average LRA resonant period based on the last
four half-periods, see Section 5.7.1. The following formula
describes the output:
������������ ������������������������ (��������)
= 1333.32 × 10−9 × (128
× ������������_������������_����������������������������_����
+ ������������_������������_����������������������������_����)
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com