Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7400 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA7400
Description  High Performance Stereo Codec Final
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7400 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA7400 Datasheet HTML 17Page - Dialog Semiconductor DA7400 Datasheet HTML 18Page - Dialog Semiconductor DA7400 Datasheet HTML 19Page - Dialog Semiconductor DA7400 Datasheet HTML 20Page - Dialog Semiconductor DA7400 Datasheet HTML 21Page - Dialog Semiconductor DA7400 Datasheet HTML 22Page - Dialog Semiconductor DA7400 Datasheet HTML 23Page - Dialog Semiconductor DA7400 Datasheet HTML 24Page - Dialog Semiconductor DA7400 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 135 page
background image
DA7400
High Performance Stereo Codec
Final
Datasheet
Revision 3.0
03-Jul-2020
CFR0011-120-00
21 of 135
© 2020 Dialog Semiconductor
4.3.4
Microphone Bias Characteristics
Table 11: Microphone Bias
Parameter
Description
Conditions
Min
Typ
Max
Unit
External Electrical Conditions
ILD
Load current
2
mA
Electrical Performance
VMICBIAS
Output voltage
Programmable in eight steps
(1.2, 1.4, 1.6, 1.8, 2.16, 2.4,
2.7, 2.98) V
1.2
3
V
VN_OUT
Noise voltage at the output
RMS
VDDMB = 3.3 V
VMICBIAS = 2.2 V
5
μV
IVDDMB
Supply current
VDDMB = 3.3 V
No load
300
μA
PSRR217Hz
Power supply rejection ratio
At 217 Hz
VMICBIAS = 2.2 V
Load = 2 mA
75
dB
PSRR1kHz
Power supply rejection ratio
At 1 kHz
VMICBIAS = 2.2 V
Load = 2 mA
75
dB
PSRR20kHz
Power supply rejection ratio
At 20 kHz
VMICBIAS = 2.2 V
Load = 2 mA
60
dB
4.3.5
Output Path Characteristics
Table 12: Output Path
Parameter
Description
Conditions
Min
Typ
Max
Unit
External Electrical Conditions
RHP_LD
Headphone output load
resistance, per output
12
32
Ω
Electrical Performance
VOUT
Full-scale differential HP
output signal level
Peak-to-peak
2.88
V
VOUT_OFS
Output dc offset
-140
0
140
μV
VN_OUT_24dB
Output noise
RMS
HPPGA gain ≤ -24 dB
Input < -60 dBFS
Non-A-weighted
RHP_LD = 32
Ω to ∞ Ω
1.6
μV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com