Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS307-01 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS307-01
Description  SERIALLY PROGRAMMABLE CLOCK SOURCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS307-01 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS307-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SERIALLY PROGRAMMABLE CLOCK SOURCE
MDS 307-01/02 F
4
Revision 121304
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297 -1 201 ● www.icst.com
ICS307-01/02
Setting the Device Characteristics
The tables below show the settings which can be configured, as well as the VCO and Reference dividers.
Table 1. Output Divide and Maximum Output Frequency
Table 2. CLK2 Output
Table 3. Output Duty Cycle Configuration
Note: The TTL bit optimizes the duty cycle at different VDD. When VDD is 5 V, set to 0 for a near-50% duty
cycle with TTL levels. When VDD is 3.3 V, set this bit to 1 so the 50% duty cycle is achieved at VDD/2.
Table 4. Crystal Load Capacitance
Note: f is the crystal frequency in MHz between 10 and 27 MHz. Effective load capacitance will be higher
for crystal frequencies lower than 10 MHz. If a clock input is used, set C1 = 0 and C0 = 0.
S2
S1
S0
CLK1 Output
Divide
Max. Frequency
5 V or 3.3 V (MHz)
Max. Frequency
Industrial Temp. Version
00
010
40
36
00
1
2
200
180
01
08
50
45
01
14
100
90
10
05
80
72
10
17
55
50
11
0
3
135
120
11
1
6
67
60
F1
F0
CLK2
00
REF
01
FREF/2
10
OFF (Low)
11
FCLK1/2
TTL
Duty Cycle Measured At
Recommended VDD
0
1.4 V
5 V
1
VDD/2
3.3 V
C1
C0
VDD = 5V
VDD = 3.3V
0
0
22.3 - 0.083 f
22.1 - 0.094 f
0
1
23.1 - 0.093 f
22.9 - 0.108 f
1
0
23.7 - 0.106 f
23.5 - 0.120 f
1
1
24.4 - 0.120 f
24.2 - 0.135 f



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com