Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS307M-01 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS307M-01
Description  SERIALLY PROGRAMMABLE CLOCK SOURCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS307M-01 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS307M-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS307M-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS307M-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS307M-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS307M-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS307M-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS307M-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS307M-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS307M-01 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SERIALLY PROGRAMMABLE CLOCK SOURCE
MDS 307-01/02 F
3
Revision 121304
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297 -1 201 ● www.icst.com
ICS307-01/02
Determining the Output Frequency
On power-up, the ICS307-01 on-chip registers can
have random values so almost any frequency may be
output from the part. CLK1 will always have some clock
signal present, but CLK2 could possibly be OFF (low).
The ICS307-02 on-chip registers are initially configured
to provide a x1 output clock on both the CLK1 and
CLK2 outputs. The output frequency will be the same
as the input clock or crystal. This is useful if the ICS307
will provide the initial system clock at power-up. Since
this feature is an advantage in most systems, the
ICS307-02 is recommended for new designs.
With programming, the user has full control in changing
the desired output frequency to any value over the
range shown in Table 1 on page 4. The output of the
ICS307 can be determined by the following equation:
Where:
VCO Divider Word (VDW) = 4 to 511 (0, 1, 2, 3
are not permitted)
Reference Divider Word (RDW) = 1 to 127 (0 is
not permitted)
Output Divider = values on page 4
The following operating ranges should be observed.
For the commercial temperature range:
And for the industrial temperature range:
To determine the best combination of VCO, reference,
and output dividers, see the online calculator at
http://www.icst.com/products/ics307inputForm.html or
contact ICS by sending an e-mail to ics-mk@icst.com
with the desired input crystal or clock and the desired
output frequency.
CLK1Frequency
InputFrequency 2
VDW 8
+
RDW 2
+
() OD
⋅
-------------------------------------------
⋅⋅
=
55MHz InputFrequency 2 VDW 8
+
RDW 2
+
------------------------ 400MHz
<
⋅⋅
<
200kHz
InputFrequency
RDW 2
+
----------------------------------------------
<
60MHz InputFrequency 2 VDW 8
+
RDW 2
+
------------------------ 360MHz
<
⋅⋅
<
200kHz Input Frequency
RDW 2
+
-------------------------------------------
<



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com