Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS487-25 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS487-25
Description  Quad PLL for DTV
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS487-25 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS487-25 Datasheet HTML 1Page - Integrated Circuit Systems ICS487-25 Datasheet HTML 2Page - Integrated Circuit Systems ICS487-25 Datasheet HTML 3Page - Integrated Circuit Systems ICS487-25 Datasheet HTML 4Page - Integrated Circuit Systems ICS487-25 Datasheet HTML 5Page - Integrated Circuit Systems ICS487-25 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Quad PLL for DTV
MDS 487-25 A
5
Revision 050604
Integrated Circuit Systems l 525 Race Street, San Jose, CA 95126 l tel (408) 297-1201 l
www.icst.com
ICS487-25
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature 0 to +70
°C
Note 1: Measured with a 15 pF load.
Thermal Characteristics
Marking Diagram
Notes:
1. ###### is the lot code.
2. YYWW is the last two digits of the year, and the week
number that the part was assembled.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
fIN
27
MHz
Output Rise Time
tOR
20% to 80%, Note 1
1.2
ns
Output Fall Time
tOF
80% to 20%, Note 1
1.0
ns
Output Clock Duty Cycle
at VDD/2, Note 1
45
50
55
%
Absolute Clock Period Jitter
Note 1
±175
ps
Frequency Synthesis Error
All outputs
0
ppm
Output Enable Time
tOE
PDTS high to output
locked to ±1%
250
µs
Output Disable Time
tOD
PDTS low to tri-state
20
ns
Audio Clock Stabilization Time
Time from a change
in S1 or S0 until
output stable within
±1%
50
µs
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
78
°C/W
θ
JA
1 m/s air flow
70
°C/W
θ
JA
3 m/s air flow
68
°C/W
Thermal Resistance Junction to Case
θ
JC
37
°C/W
1
8
9
16
487G-25
######
YYWW$$



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com