Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS525-01RLF Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS525-01RLF
Description  User Configurable Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525-01RLF Datasheet(HTML) 8 Page - Integrated Circuit Systems

  ICS525-01RLF Datasheet HTML 1Page - Integrated Circuit Systems ICS525-01RLF Datasheet HTML 2Page - Integrated Circuit Systems ICS525-01RLF Datasheet HTML 3Page - Integrated Circuit Systems ICS525-01RLF Datasheet HTML 4Page - Integrated Circuit Systems ICS525-01RLF Datasheet HTML 5Page - Integrated Circuit Systems ICS525-01RLF Datasheet HTML 6Page - Integrated Circuit Systems ICS525-01RLF Datasheet HTML 7Page - Integrated Circuit Systems ICS525-01RLF Datasheet HTML 8Page - Integrated Circuit Systems ICS525-01RLF Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
User Configurable Clock
MDS 525-01/02/11/12 Q
8
Revision 101105
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS525-01/02/11/12
NOTE 1: Phase relationship between input and output can change at power-up. For a fixed phase
relationship, see the ICS527.
NOTE 2: For 16 MHz, 100 MHz output. Use the -02 for lowest jitter.
Package Outline and Package Dimensions (28-pin SSOP, 150 mil Body)
Package dimensions are kept current with JEDEC Publication No. 95, MO-153
INDEX
AREA
1 2
28
D
E1
E
SEATING
PLANE
A
1
A
A
2
e
- C -
b
aaa C
c
L
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A
1.351.75.053
.069
A1
0.10
0.25
.0040
.010
A2
--
1.50
--
.059
b
0.200.30.008
.012
C
0.180.25.007
.010
D
9.80
10.00
.386
.394
E
5.806.20.228
.244
E1
3.80
4.00
.150
.157
e
0.635 Basic
0.025 Basic
L
0.401.27.016
.050
α
0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com