Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL30264 Datasheet(PDF) 24 Page - Microchip Technology

Part # ZL30264
Description  2-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30264 Datasheet(HTML) 24 Page - Microchip Technology

Back Button ZL30264 Datasheet HTML 20Page - Microchip Technology ZL30264 Datasheet HTML 21Page - Microchip Technology ZL30264 Datasheet HTML 22Page - Microchip Technology ZL30264 Datasheet HTML 23Page - Microchip Technology ZL30264 Datasheet HTML 24Page - Microchip Technology ZL30264 Datasheet HTML 25Page - Microchip Technology ZL30264 Datasheet HTML 26Page - Microchip Technology ZL30264 Datasheet HTML 27Page - Microchip Technology ZL30264 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 93 page
background image
ZL30264-ZL30267
Data Sheet
24
© 2021 Microchip Technology Inc.
DS20006555A
continues to provide the data on MISO, increment its address counter, and prefetch the following byte. The read
transaction is completed when the bus master drives CSN high. See Figure 6.
Register Write Transactions. The device registers are accessible when EESEL=0. After driving CSN low, the bus
master transmits the write command followed by the 16-bit register address followed by the first data byte to be
written. The device receives the first data byte on MOSI, writes it to the specified register, increments its internal
address register, and prepares to receive the next data byte. If the master continues to transmit, the device
continues to write the data received and increment its address counter. The write transaction is completed when
the bus master drives CSN high. See Figure 8.
EEPROM Writes (ZL30265, ZL30267 Only). The internal EEPROM memory is accessible when the EESEL bit is
1. After driving CSN low, the bus master transmits the write enable command and then drives CSN high to set the
internal write enable latch. The bus master then drives CSN low again and transmits the write command followed
by the 16-bit address followed by the first data byte to be written. The device first copies the page to be written from
EEPROM to its page buffer. The device then receives the first data byte on MOSI, writes it to its page buffer,
increments its internal address register, and prepares to receive the next data byte. If the master continues to
transmit, the device continues to write the data received to its page buffer and continues to increment its address
counter. The address counter rolls over at the 32-byte page boundary (i.e. when the five least-significant address
bits are 11111). When the bus master drives CSN high, the device transfers the data in the page buffer to the
appropriate page in the EEPROM memory. See Figure 7 and Figure 8.
EEPROM Read Status (ZL30265, ZL30267 Only). After the bus master drives CSN high to end an EEPROM write
command, the EEPROM memory is not accessible for up to 5ms while the data is transferred from the page buffer.
To determine when this transfer is complete, the bus master can use the Read Status command. After driving CSN
low, the bus master transmits the Read Status command. The device then responds with the status byte on MISO.
In this byte, the least significant bit is set to 1 if the transfer is still in progress and 0 if the transfer has completed.
Early Termination of Bus Transactions. The bus master can terminate SPI bus transactions at any time by
pulling CSN high. In response to early terminations, the device resets its SPI interface logic and waits for the start
of the next transaction. If a register write transaction is terminated prior to the SCLK edge that latches the least
significant bit of a data byte, the data byte is not written. On devices with internal EEPROM, if an EEPROM write
transaction is terminated prior to the SCLK edge that latches the least significant bit of a data byte, none of the
bytes in that write transaction are written.
Design Option: Wiring MOSI and MISO Together. Because communication between the bus master and the
device is half-duplex, the MOSI and MISO pins can be wired together externally to reduce wire count. To support
this option, the bus master must not drive the MOSI/MISO line when the device is transmitting.
AC Timing. See Table 19 and Figure 18 for AC timing specifications for the SPI interface.
Figure 6 - SPI Read Transaction Functional Timing
CS
1
0
2
3
5
4
6
7
8
9
10
22 23 24 25 26 27 28 29 30 31
SCLK
0
0
0
0
0
0
1
1
15 14 13
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Command
16-bit Address
Data Byte 1
Data Byte n
MOSI
High Impedance
MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com