Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL30261LDF1 Datasheet(PDF) 71 Page - Microchip Technology

Part # ZL30261LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30261LDF1 Datasheet(HTML) 71 Page - Microchip Technology

Back Button ZL30261LDF1 Datasheet HTML 67Page - Microchip Technology ZL30261LDF1 Datasheet HTML 68Page - Microchip Technology ZL30261LDF1 Datasheet HTML 69Page - Microchip Technology ZL30261LDF1 Datasheet HTML 70Page - Microchip Technology ZL30261LDF1 Datasheet HTML 71Page - Microchip Technology ZL30261LDF1 Datasheet HTML 72Page - Microchip Technology ZL30261LDF1 Datasheet HTML 73Page - Microchip Technology ZL30261LDF1 Datasheet HTML 74Page - Microchip Technology ZL30261LDF1 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 94 page
background image
ZL30260-ZL30263
Data Sheet
71
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
OCxDIV1
Register Description:
Output Clock x Divider Register 1
Register Address:
OC1: 205h, OC2: 215h, OC3: 225h, OC4: 235h, OC5: 245h
OC6: 255h, OC7: 265h, OC8: 275h, OC9: 285h, OC10: 295h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
LSDIV[7:0]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Low-Speed Divider Value (LSDIV[7:0]). The full 25-bit LSDIV[24:0] field spans this register, OCxDIV2,
OCxDIV3. and bit 0 of OCxCR3. LSDIV is an unsigned integer. The frequency of the clock from the medium-speed
divider is divided by LSDIV+1. The OCxCR3.LSSEL and NEGLSD bits control when the output of the low-speed
divider is present on the OCxP and OCxN output pins. OCxCR1.MSDIV must be > 0 for the low-speed divider to
operate. See section 5.6.2.
Register Name:
OCxDIV2
Register Description:
Output Clock x Divider Register 2
Register Address:
OC1: 206h, OC2: 216h, OC3: 226h, OC4: 236h, OC5: 246h
OC6: 256h, OC7: 266h, OC8: 276h, OC9: 286h, OC10: 296h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
LSDIV[15:8]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Low-Speed Divider Value (LSDIV[15:8]). See the OCxDIV1 register description.
Register Name:
OCxDIV3
Register Description:
Output Clock x Divider Register 3
Register Address:
OC1: 207h, OC2: 217h, OC3: 227h, OC4: 237h, OC5: 247h
OC6: 257h, OC7: 267h, OC8: 277h, OC9: 287h, OC10: 297h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
LSDIV[23:16]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Low-Speed Divider Value (LSDIV[23:16]). See the OCxDIV1 register description.
Register Name:
OCxDC
Register Description:
Output Clock x Duty Cycle Register
Register Address:
OC1: 208h, OC2: 218h, OC3: 228h, OC4: 238h, OC5: 248h
OC6: 258h, OC7: 268h, OC8: 278h, OC9: 288h, OC10: 298h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
OCDC[7:0]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Output Clock Duty Cycle (OCDC[7:0]). This field controls the output clock signal duty cycle when
MSDIV>0 and LSDIV>1. When OCDC = 0 the output clock is 50%. Otherwise the clock signal is a pulse with a width
of OCDC number of MSDIV output clock periods. The range of OCDC can create pulse widths from 1 to 255 MSDIV
output clock periods. When OCxCR2.POL=0, the pulse is high and the signal is low the remainder of the cycle. When
POL=1, the pulse is low and the signal is high the remainder of the cycle. See section 5.6.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com