Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77752 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77752
Description  Proven PCB Reference Design and Layout
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77752 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77752 Datasheet HTML 1Page - Maxim Integrated Products MAX77752 Datasheet HTML 2Page - Maxim Integrated Products MAX77752 Datasheet HTML 3Page - Maxim Integrated Products MAX77752 Datasheet HTML 4Page - Maxim Integrated Products MAX77752 Datasheet HTML 5Page - Maxim Integrated Products MAX77752 Datasheet HTML 6Page - Maxim Integrated Products MAX77752 Datasheet HTML 7Page - Maxim Integrated Products MAX77752 Datasheet HTML 8Page - Maxim Integrated Products MAX77752 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX77752
MAX77752 Evaluation Kit
Table 1. Default Shunt Positions and Jumper Descriptions
Table 2. Default Voltages (CID4 = 0x07)
REGULATOR
EXPECTED VOLTAGE (V) (OPTION1)
BUCK1
1.8
BUCK2
1.35
BUCK3
1.05
LDO
1.8
LSW1
1.35
LSW2
OFF
REFERENCE
DESIGNATOR
DEFAULT
POSITION
FUNCTION
J1
OPEN
1-2: Connects LP_REQ to LP_MODE.
J2
OPEN
1-2: Connects VSYS to external regulators.
J3
OPEN
1-2: Connects VL to GPIO expander pullup resistors.
J4
2-3
1-2: Connects LP_MODE to VSYS.
2-3: Connects LP_MODE to GND.
J5
OPEN
1-2: Connects IN_PHUP to VSYS.
J6
OPEN
1-2: Connects VBUCK1 to Drain of LSW1 MOSFET.
J7
OPEN
1-2: Connects VBUCK2 to drain of LSW2 MOSFET.
J9
OPEN
1-2: Connects EREG_POK to GND.
J10
1-2
1-2: Connects VSYS to IN_LDO.
J101
2-3
1-2: Connects 3.3V to VL.
2-3: Connects 1.8V to VL.
J103
OPEN
1-2: Connects VIN to VUSB.
J200
1-2
1-2, 3-4: Connects the U200 amplifier to the gate of the Q200 load FET.
J208
1-2
1-2, 3-4: Connects the U204 amplifier to the gate of the Q204 load FET.
J209
1-2, 3-4
1-2, 3-4: Connects SYS to drain of the Q204 FET.
JU201
1-2, 3-4
1-2, 3-4: Connects VBUCK1 to drain of Q200 load FET.
JU202
1-2
1-2: Connects the U201 amplifier to the gate of the Q201 load FET.
JU203
1-2, 3-4
1-2, 3-4: Connects VBUCK2 to drain of Q201 load FET.
JU204
1-2
1-2: Connects the U202 amplifier to the gate of the Q202 load FET.
JU205
1-2, 3-4
1-2, 3-4: Connects VBUCK3 to drain of Q202 load FET.
JU206
1-2
1-2: Connects the U203 amplifier to the gate of the Q203 load FET.
JU207
1-2
1-2: Connects VLDO to drain of Q203 load FET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com