Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1530-T Datasheet(PDF) 19 Page - ams AG

Part # AS1530-T
Description  12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1530-T Datasheet(HTML) 19 Page - ams AG

Back Button AS1530-T Datasheet HTML 15Page - ams AG AS1530-T Datasheet HTML 16Page - ams AG AS1530-T Datasheet HTML 17Page - ams AG AS1530-T Datasheet HTML 18Page - ams AG AS1530-T Datasheet HTML 19Page - ams AG AS1530-T Datasheet HTML 20Page - ams AG AS1530-T Datasheet HTML 21Page - ams AG AS1530-T Datasheet HTML 22Page - ams AG AS1530-T Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
www.austriamicrosystems.com
Revision 0.96
19 - 29
AS1530, AS1531
austriamicrosystems
Data Sheet
Power Modes
Figure 26. Two’s Complement Transfer Function for
Figure 27. Two’s Complement Transfer Function for
RANGE = 1 and MODE = 0
RANGE = 0 and MODE = 0
Power Modes
Power consumption can be reduced by placing the AS1530/AS1531 in reduced power mode or in full power-down
mode between conversions.
The power mode is selected using bits PD1 and PD0 of the 8-bit control byte.
Table 12 lists the three operating modes with the corresponding supply current and active device circuits. For data
rates achievable in full power-down mode (see Full Power-Down Mode on page 20).
* Circuit operation between conversions; during conversion all circuits are fully powered up.
The selected power-down mode (as shown in Table 12) is initiated after an analog-to-digital conversion is completed.
In all power modes the serial interface remains active, waiting for a new control byte to start conversion (see Figure 30
on page 21). Once the conversion is completed, the AS1530/AS1531 goes into the selected power mode until a new
control byte is shifted in. In reduced power mode the AS1530/AS1531 will be able to start conversion immediately
when running at decreased clock rates. In full power down mode wait until the internal reference has stabilized (depen-
dant on the values of the capacitance of REF and REFADJ).
During initialization the AS1530/AS1531 immediately go into normal operation mode and are ready to convert after 4µs
when using an external reference. When using the internal reference, wait until the internal reference has stabilized
(dependant on the values of the capacitance of REF and REFADJ).
Table 12. Software Controlled Power Modes
PD1/PD0
(page 23)
Mode
Total Supply Current
Device Circuits
*
During Conversion
After Conversion
Input
Comparator
Reference
AS1530
AS1531
AS1530
AS1531
00
Full Power-Down Mode
2.8mA
2.2mA
0.5µA
0.5µA
Off
Off
01
Reduced-Power Mode
2.8mA
2.2mA
0.4mA
0.4mA
Reduced
Power
On
10
11
Normal Operation
2.8mA
2.2mA
2.0mA
1.8mA
Full Power
On
011....111
011...110
000...010
000...001
000...000
111...111
111...110
111...101
100...001
100...000
-FS
ZS
Input Voltage AIN+ - AIN- (LSB)
+FS - 1LSB
Full Scale = VREF
-Full Scale = 0
Zero Scale = VREF/2
1LSB = VREF/4096
011....111
011...110
000...010
000...001
000...000
111...111
111...110
111...101
100...001
100...000
-FS
ZS
Input Voltage AIN+ - AIN- (LSB)
+FS - 1LSB
Full Scale = +VREF/2
-Full Scale = -VREF/2
Zero Scale = 0
1LSB = VREF/4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com