Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1531-T Datasheet(PDF) 3 Page - ams AG

Part # AS1531-T
Description  12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1531-T Datasheet(HTML) 3 Page - ams AG

  AS1531-T Datasheet HTML 1Page - ams AG AS1531-T Datasheet HTML 2Page - ams AG AS1531-T Datasheet HTML 3Page - ams AG AS1531-T Datasheet HTML 4Page - ams AG AS1531-T Datasheet HTML 5Page - ams AG AS1531-T Datasheet HTML 6Page - ams AG AS1531-T Datasheet HTML 7Page - ams AG AS1531-T Datasheet HTML 8Page - ams AG AS1531-T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.austriamicrosystems.com
Revision 0.96
3 - 29
AS1530, AS1531
austriamicrosystems
Data Sheet
4 Absolute Maximum Ratings
Stresses beyond those listed in Table 1 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Electrical Character-
istics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 1. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VDD1, VDD2, VDD3 to GND
-0.3
+7
V
VDD1 to VDD2 to VDD3
-0.3
+0.3
V
CH0:CH7, COM to GND
-0.3
VDD1 +
+0.3
V
REF, REFADJ to GND
-0.3
VDD1 +
+0.3
V
DIN, SCLK, CSN, to GND
-0.3
VDD2 +
+0.3
V
DOUT, SSTRB to GND
-0.3
VDD2 +
+0.3
V
DOUT, SSTRB Sink Current
25
mA
Continuous Power Dissipation
(TAMB = +70ºC)
559
mW
Derate 7.0mW/ºC above +70ºC
Operating Temperature Range
-40
+85
ºC
Storage Temperature Range
-60
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020C “Moisture/Reflow
Sensitivity Classification for Non-Hermetic
Solid State Surface Mount Devices”.
The lead finish for Pb-free leaded packages is
matte tin (100% Sn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com