Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMP-0421 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HDMP-0421
Description  Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-0421 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HDMP-0421 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
The design of the HDMP-0421
allows for placement of the CDR
at one of two locations with
respect to a hard disk slot. For
example, if the BYPASS[0]– pin
is HIGH and hard disk slot A is
connected to PBC cell 1, the CDR
function will be performed before
entering the hard disk at slot A
Figure 2. Timing Waveforms.
Figure 1. Block Diagram of HDMP-0421.
(Figure 4). To achieve a CDR
function after slot A, the
BYPASS[1]– pin must be HIGH
and hard disk slot A must be
connected to PBC cell 0
(Figure 5). Table 2 shows both
possible connections. In both
cases, a Signal Detect (SD) pin
shows the status of the signal at
the incoming cable. The
recommended method of setting
the BYPASS[i]– pins HIGH is to
drive them with a high-
impedence signal. Internal pull-
up resistors will force the
BYPASS[I]– pins to VCC.
(1) FM_NODE[0]
(2) FM_NODE[4]
(1) TO_NODE[0]
(2) TO_NODE[0]
tdelav1.2
LOSDET
TO_NODE[1]
FM_NODE[1]
BYPASS[1]–
SD[1]
IOSDET
SD[0]
CDR
REFCLK
CEXT
1
0
BYPASS[0]–
1
0
TO_NODE[0]
FM_NODE[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com