Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2821 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2821
Description  ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2821 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2821 Datasheet HTML 1Page - New Japan Radio NJM2821 Datasheet HTML 2Page - New Japan Radio NJM2821 Datasheet HTML 3Page - New Japan Radio NJM2821 Datasheet HTML 4Page - New Japan Radio NJM2821 Datasheet HTML 5Page - New Japan Radio NJM2821 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NJM2820, NJM2821, NJM2822
- 2 -
■ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
MAXIMUM RATINGS
UNIT
Cathode Voltage
VKA
14
V
Continuous Cathode Current
IK
-30
∼ 50
mA
Reference Input Current
IREF
-10
∼ 0.05
mA
Power Dissipation
PD
(MTP5)
200
mW
Operating Temperature Range
TOPR
-40
∼ +85
°C
Storage Temperature Range
TSTG
-40
∼ +150
°C
■RECOMMENDED OPERATING CONDITIONS (Ta=25°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Cathode Voltage
VKA
VREF
–
13
V
Cathode Current
IK
0.5
–
30
mA
■ELECTRICAL CHARACTERISTICS (IK=1mA,Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reference Voltage
VREF
VKA=VREF
(*1)
1241
1250
1259
mV
VREF
≤VKA≤5V
(*2)
–
–
±2.7
mV/V
Reference Voltage
Change vs. Cathode
Voltage Change
∆VREF/
∆VKA
5V
≤VKA≤13V
(*2)
–
–
±2.0
mV/V
Reference Input Current
IREF
R1=10kΩ, R2=∞
(*2)
–
2.0
4.0
uA
Minimum Input Current
IMIN
VKA=VREF, ∆VREF=1% (*1)
–
80
500
uA
Cathode Current
(Off Cond.)
IOFF
VKA=13V, VREF=0V
(*3)
–
0.01
1.0
uA
Dynamic Impedance
ZKA VKA= VREF, f
≤1kHz
0.5mA
≤IK≤30mA
(*1)
–
0.12
–
Ω
■TEMPERATURE CHARACTERISTICS (IK=1mA,Ta=-40°C
∼ 85°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reference Voltage
Change
∆VREF
VKA=VREF
(*1)
–
±10
–
mV
Reference Input Current
Change
∆IREF
R1=10kΩ,R2=∞
(*2)
–
0.5
–
uA
VREF···Reference voltage includes error.
(*1): Test Circuit (Fig.1)
(*2): Test Circuit (Fig.2)
(*3): Test Circuit (Fig.3)
In case of NJM2822, all electrical characteristics are measured referencing to the anode terminal of PIN 5.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com