Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4094 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM4094
Description  Analog Front End Integrated Circuit for 13.56Mhz RFID Base Station
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4094 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM4094 Datasheet HTML 1Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EM4094
Copyright
 2003, EM Microelectronic-Marin SA
Subject to change without notice
Rev. A, 09/03
Phone: +41.32.755-5111, Fax: +41.32.755-5403
www.emmicroelectronic.com
info@emmicroelectronic.com
Analog Front End Integrated Circuit for
13.56MHz RFID Base Station
General Description
The EM4094 is an integrated analog system for
13.56MHz RFID reader system. It is highly versatile so it
can be used in different reader systems having
sub-carrier frequencies from 212KHz to 848KHz, hence
covering ISO 14443 and ISO 15693 standards.
The adaptability is achieved using a 3 wires serial
interface to program the system option bits.
The transmitter generates 200 mW output power into
50
Ω load and is capable of OOK or ASK modulation.
Applications
Low cost reader solution
Hand held reader
Features
ISO 15693 & ISO14443 compatibility
Oscillator using 13.56MHz Quartz with selectable
transconductance (gm).
Antenna driver using OOK or ASK modulation using
single antenna driver
ASK modulation adjustable in range from 7% to 30%
High output power 200mW from 5V supply
Antenna short circuit protection
Multiple receiver input for high communication
reliability
AM/PM demodulation with AGC signal amplifier
848KHz BPSK internal decoder (type B)
Multiple sub-carrier receiving compatibility
(212kHz, 424kHz and 848kHz)
Multiple sub-carrier coding compatibility
(Manchester, BPSK)
Built-in receive low-pass filter cut-off frequency
selectable between 400kHz and 1MHz
Built-in receive high-pass filter cut-off frequency
selectable between 100kHz, 200kHz and 300kHz
Selectable receive gain
Serial 3 pin interface for option selection
Power down mode controlled by the 3 wires SPI
Output Power: 200mW for a SO20w Package
100mW for a SO16w Package
Operation temperature range -40
°C to +85°C
Typical Application
Figure 1
EM MICROELECTRONIC - MARIN SA
VSSA1
C5
C13
C7
COAX
VDDA2
Interface
VSSA2
uController
RFIN1
ANT2
C4
ANT1
VCC
EN
DIN
C12
VCC
C1
C11
DCLK
C9
DOUT
C6
ANTENNA
C2
VCC
RFIN2
VDD
C8
DOUT1
Y1
VSS
C10
OSCIN
AGD
C3
L1
OSCOUT
VDDA1
EM4094


Similar Part No. - EM4094

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4095 EMMICRO-EM4095 Datasheet
204Kb / 10P
Read/Write analog front end for 125kHz RFID Basestation
EM4095HMSO16A EMMICRO-EM4095HMSO16A Datasheet
204Kb / 10P
Read/Write analog front end for 125kHz RFID Basestation
More results

Similar Description - EM4094

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1843 NTE-NTE1843 Datasheet
21Kb / 2P
Integrated Circuit FM Front End
logo
STMicroelectronics
STLC60134S STMICROELECTRONICS-STLC60134S Datasheet
166Kb / 22P
TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Aug-1999
MTC20154 STMICROELECTRONICS-MTC20154 Datasheet
533Kb / 21P
INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Feb-2004
MTC20454 STMICROELECTRONICS-MTC20454 Datasheet
513Kb / 15P
QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
Feb-2004
logo
EM Microelectronic - MA...
EM4095 EMMICRO-EM4095 Datasheet
204Kb / 10P
Read/Write analog front end for 125kHz RFID Basestation
logo
Melexis Microelectronic...
MLX12115 MELEXIS-MLX12115 Datasheet
37Kb / 1P
13.56MHz RFID Transceiver
logo
Texas Instruments
AFE4490 TI-AFE4490 Datasheet
1Mb / 70P
Integrated Analog Front-End for Pulse Oximeters
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
Integrated Analog Front-End for Pulse Oximeters
logo
AMIC Technology
A9290-A-0C AMICC-A9290-A-0C Datasheet
94Kb / 1P
13.56MHz RFID Antenna
logo
STMicroelectronics
ST70134 STMICROELECTRONICS-ST70134_V01 Datasheet
157Kb / 22P
ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Jan-2001
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com