Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812 Datasheet(PDF) 39 Page - EM Microelectronic - MARIN SA

Part # EM6812
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812 Datasheet(HTML) 39 Page - EM Microelectronic - MARIN SA

Back Button EM6812 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 43Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
39
www.emmicroelectronic.com
10.3
Reset and Wake-up
Port A has an input comparison register to detect an incoming reset and/or wakeup condition. On a compare match with the
defined key pattern, the selected functionality will be activated. When working on all PA inputs, only reset or wake-up
function is active. With the PA input split in 2 time’s 4-pin input, the reset and wake-up functions can be used
simultaneously. In this case, the upper 4 bits are attached to the reset and the lower to the wake-up. The ‘don’t care’
condition allows masking specific inputs so their state is not taken into account.
The reset and the wake-up signal can be individually debounced. The input reset function can be disabled with bit
DisResInp
in register RegSys1 (Reset section).
Table 35. Port A Reset and wake-up selection
Wk_nRes
SplitCmb
Description
X
1
PAIn[7:4] used for reset function.
PAIn[3:0] used for the wake up function.
0
0
PAIn[7:0] is used as reset function. (default)
1
0
PAIn[7:0] is used as wake-up function.
Figure 22; Reset and Wake-up diagram
DebResInpPA
MskRstWkUp(4)
PAIn(4)
CmbKey(4)
Comp
&
mask
match(4)
MskRstWkUp(5)
PAIn(5)
CmbKey(5)
Comp
&
mask
match(5)
MskRstWkUp(6)
PAIn(6)
CmbKey(6)
Comp
&
mask
match(6)
MskRstWkUp(3)
PAIn(3)
CmbKey(3)
Comp
&
mask
match(3)
MskRstWkUp(7)
PAIn(7)
CmbKey(7)
Comp
&
mask
match(7)
MskRstWkUp(1)
PAIn(1)
CmbKey(1)
Comp
&
mask
match(1)
MskRstWkUp(2)
PAIn(2)
CmbKey(2)
Comp
&
mask
match(2)
MskRstWkUp(0)
PAIn(0)
CmbKey(0)
match(0)
Excl_nComb
SplitCmb
Wk_nRes
MskRstWkUp
PAIn
CmbKey
match
Excl_nComb
Comp
&
mask
MskRstWkUp(0)
MskRstWkUp(1)
MskRstWkUp(2)
MskRstWkUp(3)
MskRstWkUp(4)
MskRstWkUp(5)
MskRstWkUp(6)
MskRstWkUp(7)
SplitCmb
1
0
1
0
1
0
0
1
0
1
ResSys
1
0
8kHz
256Hz
Debouncer
R
CkDebResInp
EnDe
bResInp
0
1
ResSys
1
0
Debouncer
R
DebWakeUp
CkDebWk
EnDe
bWk
8kHz
256Hz
ResInpPA
WakeUp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com