Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8420ACPZ-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # ADMV8420ACPZ-R5
Description  10 GHz to 21.7 GHz, Tunable Band-Pass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8420ACPZ-R5 Datasheet(HTML) 5 Page - Analog Devices

  ADMV8420ACPZ-R5 Datasheet HTML 1Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 2Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 3Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 4Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 5Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 6Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 7Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 8Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
ADMV8420
Rev. B | Page 5 of 14
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
1
3
4
5
6
18
17
16
15
14
13
NIC
NIC
GND
RFIN
GND
NIC
NIC
NIC
GND
RFOUT
GND
NIC
ADMV8420
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED. THESE PINS ARE NOT CONNECTED INTERNALLY.
HOWEVER, ALL DATA SHOWN HEREIN WAS MEASURED WITH THESE CONNECTED
TO RF AND DC GROUND.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE CONNECTED TO RF AND DC GROUND.
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 5 to 8, 10 to 14, and 18 to 24
NIC
Not Internally Connected. These pins are not connected internally. All data shown is
measured with these pins connected to the RF and dc ground.
2, 4, 15, and 17
GND
Ground. These pins must be connected to the radio frequency (RF) and dc ground.
3
RFIN
RF Input. This pin is dc-coupled and matched to 50 Ω. Do not apply an external voltage
to this pin.
9
VFCTL
Center Frequency Control Voltage. This pin controls the fCENTER of the device.
16
RFOUT
RF Output. This pin is dc-coupled and matched to 50 Ω. Do not apply an external voltage
to this pin.
EPAD
Exposed Pad. The exposed pad must be connected to RF and dc ground.
INTERFACE SCHEMATICS
100Ω
27pF
VFCTL
0.4nH
20pF
Figure 3. VFCTL Interface Schematic
GND
Figure 4. GND Interface Schematic
RFIN
Figure 5. RFIN Interface Schematic
RFOUT
Figure 6. RFOUT Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com