Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFQ26N60P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFQ26N60P
Description  N-Channel Enhancement Mode Fast Recovery Diode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFQ26N60P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFQ26N60P Datasheet HTML 1Page - IXYS Corporation IXFQ26N60P Datasheet HTML 2Page - IXYS Corporation IXFQ26N60P Datasheet HTML 3Page - IXYS Corporation IXFQ26N60P Datasheet HTML 4Page - IXYS Corporation IXFQ26N60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2005 IXYS All rights reserved
G
D
S
G = Gate
D = Drain
S = Source
TAB = Drain
DS99435(08/05)
PolarHVTM
Power MOSFET
V
DSS
= 600
V
I
D25
=26
A
R
DS(on) ≤
≤≤≤≤ 270 mΩ
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 200 ns
Advance Technical Information
N-Channel Enhancement Mode
Fast Recovery Diode
Avalanche Rated
TO-3P (IXFQ)
G
D
S
D (TAB)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min. Typ.
Max.
V
DSS
V
GS = 0 V, ID = 250 µA
600
V
V
GS(th)
V
DS = VGS, ID = 4 mA
2.5
5.0
V
I
GSS
V
GS = ±30 V, VDS = 0
±100
nA
I
DSS
V
DS = VDSS
25
µA
V
GS = 0 V
T
J = 125°C
250
µA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 ID25
270
m
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
600
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MΩ
600
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C26
A
I
DM
T
C = 25°C, pulse width limited by TJM
65
A
I
AR
T
C = 25°C26
A
E
AR
T
C = 25°C40
mJ
E
AS
T
C = 25°C
1.2
J
dv/dt
I
S ≤ IDM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
10
V/ns
T
J ≤ 150°C, RG = 5 Ω
P
D
T
C = 25°C
460
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
Plastic body
250
°C
M
d
Mounting torque (TO-3P&TO-247)
1.13/10 Nm/lb.in.
F
C
Mounting force (PLUS220)
11..65/2.5..15
N/lb
Weight
TO-3P
5.5
g
TO-248
6.0
g
TO-268
5.0
g
PLUS220 & PLUS220SMD
4.0
g
IXFH 26N60P
IXFQ 26N60P
IXFT 26N60P
IXFV 26N60P
IXFV 26N60PS
TO-268 (IXFT)
G
S
D (TAB)
TO-247 (IXFH)
Advance Technical Information
G
S
D (TAB)
PLUS220SMD (IXFV_S)
G
S
D
PLUS220 (IXFV)
D (TAB)
Features
Fast Recovery diode
Unclamped Inductive Switching (UIS)
rated
International standard packages
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
High power density


Similar Part No. - IXFQ26N60P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFQ26N60 ISC-IXFQ26N60 Datasheet
312Kb / 2P
isc N-Channel MOSFET Transistor
2023.9.22
More results

Similar Description - IXFQ26N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTN62N50L IXYS-IXTN62N50L Datasheet
136Kb / 2P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXTJ4N150 IXYS-IXTJ4N150 Datasheet
160Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFH34N60X2A IXYS-IXFH34N60X2A Datasheet
175Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFH60N60X2A IXYS-IXFH60N60X2A Datasheet
156Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFT30N85XHV IXYS-IXFT30N85XHV Datasheet
263Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
MMIX1F160N30T IXYS-MMIX1F160N30T Datasheet
230Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
MMIX1F180N25T IXYS-MMIX1F180N25T Datasheet
230Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
MMIX1F230N20T IXYS-MMIX1F230N20T Datasheet
231Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFK150N30P3 IXYS-IXFK150N30P3 Datasheet
131Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFH80N65X2-4 IXYS-IXFH80N65X2-4 Datasheet
188Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com