Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11040 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11040
Description  12-Bit, 2-/4-Channel, SAR ADC Support (MAX11612)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11040 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11040 Datasheet HTML 1Page - Maxim Integrated Products MAX11040 Datasheet HTML 2Page - Maxim Integrated Products MAX11040 Datasheet HTML 3Page - Maxim Integrated Products MAX11040 Datasheet HTML 4Page - Maxim Integrated Products MAX11040 Datasheet HTML 5Page - Maxim Integrated Products MAX11040 Datasheet HTML 6Page - Maxim Integrated Products MAX11040 Datasheet HTML 7Page - Maxim Integrated Products MAX11040 Datasheet HTML 8Page - Maxim Integrated Products MAX11040 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
________________________________________________________________ _Maxim Integrated Products_ _ 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
MAXSPCSPARTAN6+ Evaluation Kit
General Description
The MAXSPCSPARTAN6+ evaluation kit (EV kit) is
designed to facilitate the use of Maxim ADCs and DACs
with any evaluation board made for XilinxM SpartanM
6 series FPGAs. The EV kit contains the MAX11612 and
MAX11040 ADCs and two cascaded MAX5135 DACs.
The MAX11612 is a very-low-power, 4-channel, 2-wire,
12-bit, SAR ADC. This ADC operates with a 5V supply
and has an internal reference of 4.096V.
The MAX11040 is an SPIK-compatible, 4-channel,
simultaneous-sampling, cascadable, 24-bit, sigma-delta
ADC. The MAX5135 is the industry’s smallest, 12-bit,
voltage-output DAC.
Features
S
12-Bit,_2-/4-Channel,_SAR_ADC_Support_
(MAX11612)
S
24-Bit,_4-Channel,_Programmable_Data_Rate,_
Sigma-Delta_ADC_Support_(MAX11040)
S
12-Bit,_4-Channel_DAC_Support_(MAX5135)
S
Connects_with_any_Spartan_6_Evaluation_Boards_
Through_a_Standard_FMC_VITA-57.1_LPC_
Connector
Ordering Information
19-5283; Rev 0; 5/10
+Denotes lead(Pb)-free and RoHS compliant.
Component List
*EP = Exposed pad.
Xilinx and Spartan are registered trademarks of Xilinx.
SPI is a trademark of Motorola, Inc.
µMAX is a registered trademark of Maxim Integrated Products,
Inc.
PART
TYPE
MAXSPCSPARTAN6+
EV Kit
DESIGNATION
QTY
DESCRIPTION
C1
1
10FF Q20%, 25V ceramic
capacitor (1206)
C2, C3,
C11–C14,
C21–C26,
C29–C32
16
0.1FF Q10%, 50V ceramic
capacitors (0603)
C4, C15–C20,
C27, C28
9
1FF Q10%, 25V ceramic
capacitors (0603)
C5, C6
2
18pF Q5%, 50V C0G ceramic
capacitors (0603)
C7–C10
4
0.01FF Q5%, 25V ceramic
capacitors (0603)
C33, C34
2
47pF, 50V ceramic capacitors
(0603)
C35, C36
2
4.7FF Q10%, 10V ceramic
capacitors (0603)
D1, D2
2
Orange SMT LEDs (0603)
D3, D4, D5
3
Green SMT LEDs (0603)
J1
1
FMC LPC connector (VITA-57.1)
J2
1
8 x 2-pin R/A header (2.54mm)
J3, J4
2
8 x 2-pin headers (2.54mm)
J5
1
8-pin inline receptacle, 0.1in
centers
J6, J7
2
3-pin headers (2.54mm)
DESIGNATION
QTY
DESCRIPTION
L1
1
10FH Q5% inductor (0603, 0)
R1, R2, R16,
R17
4
2.2kI Q5% resistors (0603)
R3–R10
8
49.9I Q0.1% resistors (0603)
R11–R14
4
100I Q1% resistors (0603)
R15, R21–R24
5
4.7kI Q0.1% resistors (0603)
R18, R19, R20
3
0I Q1% resistors (0603)
U1
1
Step-down converter (6 SOT23)
Maxim MAX1837EUT50#G16
U2
1
Low-power ADC (8 FMAXM)
Maxim MAX11612EUA+
U3
1
Sigma-delta ADC (38 TSSOP)
Maxim MAX11040GUU+
U4
1
Bidirectional level translator
(12 TQFN-EP*)
Maxim MAX3395EETC+
U5
1
8-channel level translator
(20 TSSOP)
Maxim MAX3002EUP
U6, U7
2
Quad 12-bit DACs (24 TQFN-EP*)
Maxim MAX5135GTG+
Y1
1
24.576MHz, 18pF crystal
—
1
PCB: MAXSPCSPARTAN6+


Similar Part No. - MAX11040

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11040 MAXIM-MAX11040 Datasheet
363Kb / 31P
24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
MAX11040 MAXIM-MAX11040 Datasheet
343Kb / 32P
24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
MAX11040 MAXIM-MAX11040 Datasheet
1Mb / 31P
MAX11040 Evaluation Kit/Daughterboard
Rev 1; 5/10
MAX11040DB MAXIM-MAX11040DB Datasheet
1Mb / 31P
MAX11040 Evaluation Kit/Daughterboard
Rev 1; 5/10
MAX11040DBEVKIT+ MAXIM-MAX11040DBEVKIT+ Datasheet
1Mb / 31P
MAX11040 Evaluation Kit/Daughterboard
Rev 1; 5/10
More results

Similar Description - MAX11040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
1Mb / 16P
3MSPS, 12-Bit SAR ADC
REV.0
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Intersil Corporation
ISL2671286 INTERSIL-ISL2671286 Datasheet
641Kb / 15P
12-Bit, 20kSPS SAR ADC
ISL267452 INTERSIL-ISL267452 Datasheet
716Kb / 16P
12-Bit, 555kSPS SAR ADC
July 26, 2012
logo
IC MICROSYSTEMS
ICM7912 ICMIC-ICM7912 Datasheet
115Kb / 5P
12-BIT 125KSPS SAR ADC
logo
Intersil Corporation
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
714Kb / 16P
12-Bit, 555kSPS SAR ADC
July 26, 2012
ISL2671286IBZ INTERSIL-ISL2671286IBZ Datasheet
638Kb / 15P
12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Analog Devices
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
REV. C
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
12-Bit, 555kSPS SAR ADC
ISL2671286 RENESAS-ISL2671286 Datasheet
820Kb / 15P
12-Bit, 20kSPS SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com