| Electronic Components Datasheet Search |
|
ICS544-01 Datasheet(PDF) 7 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS544-01 Datasheet(HTML) 7 Page - Integrated Circuit Systems |
|
7 / 7 page ![]() Clock Divider MDS 544M-01 A 7 Revision 041505 Integrated Circuit Systems, Inc. ● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com ICS544-01 PRELIM INAR Y INFO RMA T ION Ordering Information Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature ICS544M-01 544M-01 Tubes 8-pin SOIC 0 to +70 ° C ICS544M-01T 544M-01 Tape and Reel 8-pin SOIC 0 to +70 ° C ICS544MI-01 544MI-01 Tubes 8-pin SOIC -40 to +85 ° C ICS544MI-01T 544MI-01 Tape and Reel 8-pin SOIC -40 to +85 ° C ICS544M-01LF 544M01LF Tubes 8-pin SOIC 0 to +70 ° C ICS544M-01LFT 544M01LF Tape and Reel 8-pin SOIC 0 to +70 ° C ICS544MI-01LF 544MI01L Tubes 8-pin SOIC -40 to +85 ° C ICS544MI-01LFT 544MI01L Tape and Reel 8-pin SOIC -40 to +85 ° C ICS554-01DWF Die on uncut, probed wafers 0 to +70 ° C ICS554-01DPK Tested die in waffle pack 0 to +70 ° C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |